Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24H-R05600-CH Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS24H-R05600-CH
Description  SS Coils, SS24V/H-CH Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS24H-R05600-CH Datasheet(HTML) 1 Page - Kemet Corporation

  SS24H-R05600-CH Datasheet HTML 1Page - Kemet Corporation SS24H-R05600-CH Datasheet HTML 2Page - Kemet Corporation SS24H-R05600-CH Datasheet HTML 3Page - Kemet Corporation SS24H-R05600-CH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0029_SS24V/H-CH • 3/28/2017
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 60 mH
• Rated Currents up to 2 A
• DCResistancesaslowas0.17Ω
Overview
TheKEMETSSCoils,SS24V/H-CHTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS24V/H-CH Type
Part Number System
SS
24
V-
R
05
600-
CH
Series Core Size (mm) Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
Product
Type
SS
24 = 24.0
V- = Vertical
H- = Horizontal
Blank = Standard
K=Highpermeability(μ≈8,000)
R=Highpermeability(μ≈10,000)
0x = 0.x A (e.g., 03 = 0.3 A)
xx = x.x A (e.g., 13 = 1.3 A)
xx0- = xx mH (e.g., 600 = 60 mH)
0xx- = x.x mH (e.g., 025 = 2.5
mH)
CH


Similar Part No. - SS24H-R05600-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS24H-R10170-CH KEMET-SS24H-R10170-CH Datasheet
80Kb / 1P
Commercial Grade, SS24V/H-CH, 0.017 H
More results

Similar Description - SS24H-R05600-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
SS Coils, SS28V/H-CH Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
SS Coils, SS11V/H-CH Type
SS24H-R10170-CH KEMET-SS24H-R10170-CH Datasheet
80Kb / 1P
Commercial Grade, SS24V/H-CH, 0.017 H
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
SS Coils, SS17HB Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
Common Mode SS Coils, 11V/H-CH Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com