Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWA673 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWA673
Description  Coupling into light guides
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWA673 Datasheet(HTML) 1 Page - OSRAM GmbH

  LWA673_15 Datasheet HTML 1Page - OSRAM GmbH LWA673_15 Datasheet HTML 2Page - OSRAM GmbH LWA673_15 Datasheet HTML 3Page - OSRAM GmbH LWA673_15 Datasheet HTML 4Page - OSRAM GmbH LWA673_15 Datasheet HTML 5Page - OSRAM GmbH LWA673_15 Datasheet HTML 6Page - OSRAM GmbH LWA673_15 Datasheet HTML 7Page - OSRAM GmbH LWA673_15 Datasheet HTML 8Page - OSRAM GmbH LWA673_15 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-08-04
1
2015-08-04
SIDELED
Datasheet
Version 4.1
LW A673
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Coupling into light guides
•
Einkopplung in Lichtleiter
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Pushbuttons and Switches
•
Schalter und Taster
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
White Goods Lighting
•
Weiße Ware


Similar Part No. - LWA673_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWA673-P1S1-5K8L OSRAM-LWA673-P1S1-5K8L Datasheet
461Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA673-P2R1-3K6L OSRAM-LWA673-P2R1-3K6L Datasheet
461Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA673-P2R1-5K8L OSRAM-LWA673-P2R1-5K8L Datasheet
461Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA673-Q2S1-5K8L OSRAM-LWA673-Q2S1-5K8L Datasheet
461Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LWA673_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com