Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWM67C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWM67C
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWM67C Datasheet(HTML) 1 Page - OSRAM GmbH

  LWM67C Datasheet HTML 1Page - OSRAM GmbH LWM67C Datasheet HTML 2Page - OSRAM GmbH LWM67C Datasheet HTML 3Page - OSRAM GmbH LWM67C Datasheet HTML 4Page - OSRAM GmbH LWM67C Datasheet HTML 5Page - OSRAM GmbH LWM67C Datasheet HTML 6Page - OSRAM GmbH LWM67C Datasheet HTML 7Page - OSRAM GmbH LWM67C Datasheet HTML 8Page - OSRAM GmbH LWM67C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-04-30
1
2015-04-30
Mini TOPLED
Datasheet
Version 5.2
LW M67C
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Interior Lighting
Automobilbeleuchtung innen
Backlighting
Hinterleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Information Displays
Informationsanzeigen
Retrofit
Retrofit
Scanners
Scanner


Similar Part No. - LWM67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWM67C-Q1R2-FK0KM0-Z286-5 OSRAM-LWM67C-Q1R2-FK0KM0-Z286-5 Datasheet
676Kb / 23P
Small size high-flux LED for slim designs
LWM67C-Q2R2-JK0PM0-Z286-5 OSRAM-LWM67C-Q2R2-JK0PM0-Z286-5 Datasheet
676Kb / 23P
Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
Small size high-flux LED for slim designs
LWM67C-T1U1-FKKL-1 OSRAM-LWM67C-T1U1-FKKL-1 Datasheet
667Kb / 23P
Small size high-flux LED for slim designs
More results

Similar Description - LWM67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com