Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29773AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29773AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29773AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29773AI Datasheet HTML 1Page - Cypress Semiconductor CY29773AI Datasheet HTML 2Page - Cypress Semiconductor CY29773AI Datasheet HTML 3Page - Cypress Semiconductor CY29773AI Datasheet HTML 4Page - Cypress Semiconductor CY29773AI Datasheet HTML 5Page - Cypress Semiconductor CY29773AI Datasheet HTML 6Page - Cypress Semiconductor CY29773AI Datasheet HTML 7Page - Cypress Semiconductor CY29773AI Datasheet HTML 8Page - Cypress Semiconductor CY29773AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07573 Rev. **
Revised August 27, 2003
Features
• Output frequency range: 8.33 MHz to 200 MHz
• Input frequency range: 6.25 MHz to 125 MHz
• 2.5V or 3.3V operation
• Split 2.5V/3.3V outputs
• ±2% max Output duty cycle variation
• 12 Clock outputs: drive up to 24 clock lines
• One feedback output
• Three reference clock inputs: LVPECL or LVCMOS
• 300-ps max output-output skew
• Phase-locked loop (PLL) bypass mode
• Spread Aware™
• Output enable/disable
• Pin-compatible with MPC9773 and MPC973
• Industrial temperature range: –40°C to +85°C
• 52-pin 1.0-mm TQFP package
Description
The CY29773 is a low-voltage high-performance 200-MHz
PLL-based zero delay buffer designed for high speed clock
distribution applications.
The CY29773 features one LVPECL and two LVCMOS
reference clock inputs and provides 12 outputs partitioned in
three banks of four outputs each. Each bank divides the VCO
output per SEL(A:C) settings (see Table 2. Function Table
(Configuration Controls)). These dividers allow output-to-input
ratios of 8:1, 6:1, 5:1, 4:1, 3:1, 8:3, 5:2, 2:1, 5:3, 3:2, 4:3, 5:4,
1:1, and 5:6. Each LVCMOS-compatible output can drive 50
Ω
series-
or
parallel-terminated
transmission
lines.
For
series-terminated transmission lines, each output can drive
one or two traces, giving the device an effective fanout of 1:24.
The PLL is ensured stable, given that the VCO is configured
to run between 200 MHz to 500 MHz. This allows a wide range
of output frequencies, from 8 MHz to 200 MHz. For normal
operation, the external feedback input FB_IN is connected to
the feedback output FB_OUT. The internal VCO is running at
multiples of the input reference clock set by the feedback
divider (see Table 1. Frequency Table).
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply.
Block Diagram
Pin Configuration
AV SS
MR#/OE
SCLK
SDA TA
FB_SEL2
PLL_EN
REF_SEL
TCLK_SEL
TCLK0
TCLK1
PECL_CLK
PECL_CLK#
AV DD
VSS
QB0
V DDQB
QB1
VSS
QB2
V DDQB
QB3
FB_IN
VSS
FB_OUT
VDD
FB_SEL0
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
C Y 29773
REF_SEL
0
1
0
1
Phase
Detector
VCO
LPF
Sync
Frz
D Q
QA0
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
0
1
/2
Power-On
Reset
Output Disable
Circuitry
Data Generator
/4, /6, /8, /12
/4, /6, /8, /10
/2, /4, /6, /8
/4, /6, /8, /10
Sync Pulse
PECL_CLK
PECL_CLK#
TCLK0
TCLK1
TCLK_SEL
FB_IN
FB_SEL2
MR#/OE
SELA(0,1)
2
SELB(0,1)
2
SELC(0,1)
2
FB_SEL(0,1)
2
SCLK
SDATA
INV_CLK
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
FB_OUT
SYNC
12
VCO_SEL
PLL_EN


Similar Part No. - CY29773AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AI CYPRESS-CY29772AI Datasheet
92Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AIT CYPRESS-CY29772AIT Datasheet
92Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
CY29774AI CYPRESS-CY29774AI Datasheet
81Kb / 9P
2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
More results

Similar Description - CY29773AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com