Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6113 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6113
Description  HN Male Non-Shorting Dust Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6113 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6113 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6113 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6113 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
Applications
• General Purpose Laboratory Use
• Test and Measurement
.
Description
Pasternack’s PE6113 connector dust cap has an HN interface and a male gender. Our HN male dust cap is a non-shorting
design with a nickel plated body to ensure durability. The Pasternack non-shorting HN connector cap is part of over 40,000
RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
HN Male Non-Shorting
.
Description
Material
Plating
Body
Brass
Nickel
Gasket
Silicone
.
Size
Length
0.63 in [16 mm]
Width
0.87 in [22.10 mm]
.
Weight
0.041 lbs [18.6 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Non-Shorting Dust Cap PE6113
PE6113 REV 1.2
HN Male Non-Shorting Dust Cap
Shorts and Caps Technical Data Sheet
PE6113


Similar Part No. - PE6113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Male
More results

Similar Description - PE6113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6059 PASTERNACK-PE6059 Datasheet
236Kb / 2P
Non-Shorting Dust Cap for HN Male With 4 Inch Chain
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Male
PE6115 PASTERNACK-PE6115 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Female
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
F Male Non-Shorting Dust Cap
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6109 PASTERNACK-PE6109_16 Datasheet
413Kb / 3P
C Male Non-Shorting Dust Cap
PE6115 PASTERNACK-PE6115_16 Datasheet
413Kb / 3P
HN Female Non-Shorting Dust Cap
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
TNC Male Non-Shorting Dust Cap
PE6240 PASTERNACK-PE6240_16 Datasheet
411Kb / 3P
F Male Non-Shorting Dust Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com