Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0105 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0105
Description  N Male to N Male Cable Using LMR-400 Coax And Times Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0105 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0105 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0105 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0105 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable Using LMR-400 Coax And Times Connectors
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
LMR-400
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-400
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.386 [175.09]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Repeated Minimum Bend Radius, in [mm]
4 [101.6]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.405 [10.29]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
InnerConductorPlatingSpecification
1.27µmminimum
Coupling Nut Material and Plating
Brass, Tri-Metal
CouplingNutPlatingSpecification
2µmminimum
Hex Size, mm
20.57
Torque, in-lbs [Nm]
44 [4.97]
Body Material and Plating
Brass, Tri-Metal
BodyPlatingSpecification
2µmminimum
Dielectric Type
PTFE
Connector 2
Type
N Male
Configuration
Straight
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to N Male Cable Using LMR-400 Coax And Times Connectors PE3C0105
PE3C0105 REV
PE3C0105
N Male to N Male Cable Using LMR-
400 Coax And Times Connectors


Similar Part No. - PE3C0105

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0105-12 PASTERNACK-PE3C0105-12 Datasheet
325Kb / 3P
N Male to N Male With Times Connectors Cable12 Inch Length Using LMR-400 Coax
PE3C0105-24 PASTERNACK-PE3C0105-24 Datasheet
325Kb / 3P
N Male to N Male With Times Connectors Cable24 Inch Length Using LMR-400 Coax
PE3C0105-36 PASTERNACK-PE3C0105-36 Datasheet
326Kb / 3P
N Male to N Male With Times Connectors Cable36 Inch Length Using LMR-400 Coax
PE3C0105-48 PASTERNACK-PE3C0105-48 Datasheet
326Kb / 3P
N Male to N Male With Times Connectors Cable48 Inch Length Using LMR-400 Coax
PE3C0105-60 PASTERNACK-PE3C0105-60 Datasheet
326Kb / 3P
N Male to N Male With Times Connectors Cable60 Inch Length Using LMR-400 Coax
More results

Similar Description - PE3C0105

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0033 PASTERNACK-PE3C0033 Datasheet
334Kb / 3P
N Male to N Male Cable Using LMR-400 Coax
PE3C0046 PASTERNACK-PE3C0046 Datasheet
337Kb / 3P
N Male to N Male Cable Using LMR-400 Coax
PE3C0101 PASTERNACK-PE3C0101 Datasheet
328Kb / 3P
N Male to N Male Cable Using LMR-240 Coax And Times Connectors
PE3C0102 PASTERNACK-PE3C0102 Datasheet
329Kb / 3P
SMA Male to N Male Cable Using LMR- 240 Coax And Times Connectors
PE3C0106 PASTERNACK-PE3C0106 Datasheet
328Kb / 3P
N Male to N Male Right Angle Cable Using LMR-400 Coax And Times Connectors
PE3C0109 PASTERNACK-PE3C0109 Datasheet
326Kb / 3P
N Male to TNC Male Cable Using LMR-400 Coax And Times Connectors
PE3C0110 PASTERNACK-PE3C0110 Datasheet
331Kb / 3P
N Male to N Male Cable Using LMR-600 Coax And Times Connectors
PE3C0111 PASTERNACK-PE3C0111 Datasheet
328Kb / 3P
N Male to N Male Right Angle Cable Using LMR-600 Coax And Times Connectors
PE3C0118 PASTERNACK-PE3C0118 Datasheet
322Kb / 3P
N Male to N Male Cable Using LMR-195 Coax And Times Connectors
PE3C0121 PASTERNACK-PE3C0121 Datasheet
322Kb / 3P
SMA Male to N Male Cable Using LMR-195 Coax And Times Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com