Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0107 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0107
Description  N Male Right Angle to N Male Right Angle CableUsing LMR-400 Coax And Times Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0107 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0107 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0107 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0107 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male Right Angle to N Male Right Angle Cable Using LMR-400 Coax And Times Connectors
Configuration
Connector 1
N Male Right Angle
Connector 2
N Male Right Angle
Cable Type
LMR-400
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-400
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.28 [127.01]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Repeated Minimum Bend Radius, in [mm]
4 [101.6]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.405 [10.29]
Connector 1
Type
N Male Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Beryllium Copper, Gold
InnerConductorPlatingSpecification
1.27µmminimum
Coupling Nut Material and Plating
Brass, Tri-Metal
CouplingNutPlatingSpecification
2µmminimum
Torque, in-lbs [Nm]
44 [4.97]
Body Material and Plating
Brass, Tri-Metal
BodyPlatingSpecification
2µmminimum
Dielectric Type
PTFE
Connector 2
Type
N Male Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Beryllium Copper, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male Right Angle to N Male Right Angle Cable Using LMR-400 Coax And Times Connectors
PE3C0107
PE3C0107 REV
PE3C0107
N Male Right Angle to N Male Right Angle Cable
Using LMR-400 Coax And Times Connectors


Similar Part No. - PE3C0107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0107-12 PASTERNACK-PE3C0107-12 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With TimesConnectors Cable 12 Inch Length Using LMR-400 Coax
PE3C0107-24 PASTERNACK-PE3C0107-24 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With TimesConnectors Cable 24 Inch Length Using LMR-400 Coax
PE3C0107-36 PASTERNACK-PE3C0107-36 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With TimesConnectors Cable 36 Inch Length Using LMR-400 Coax
PE3C0107-48 PASTERNACK-PE3C0107-48 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With TimesConnectors Cable 48 Inch Length Using LMR-400 Coax
PE3C0107-60 PASTERNACK-PE3C0107-60 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 60 Inch Length Using LMR-400 Coax
More results

Similar Description - PE3C0107

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0041 PASTERNACK-PE3C0041 Datasheet
447Kb / 3P
N Male to N Male Right Angle Cable Using LMR-400 Coax
PE3C0043 PASTERNACK-PE3C0043 Datasheet
537Kb / 2P
N Male Right Angle to N Male Right AngleCable Using LMR-400 Coax
PE3C0043-36 PASTERNACK-PE3C0043-36 Datasheet
327Kb / 3P
N Male Right Angle to N Male Right Angle Cable36 Inch Length Using LMR-400 Coax
PE3C0105 PASTERNACK-PE3C0105 Datasheet
325Kb / 3P
N Male to N Male Cable Using LMR-400 Coax And Times Connectors
PE3C0106 PASTERNACK-PE3C0106 Datasheet
328Kb / 3P
N Male to N Male Right Angle Cable Using LMR-400 Coax And Times Connectors
PE3C0106-48 PASTERNACK-PE3C0106-48 Datasheet
329Kb / 3P
N Male to N Male Right Angle With Times ConnectorsCable 48 Inch Length Using LMR-400 Coax
PE3C0106-60 PASTERNACK-PE3C0106-60 Datasheet
328Kb / 3P
N Male to N Male Right Angle With Times ConnectorsCable 60 Inch Length Using LMR-400 Coax
PE3C0107-60 PASTERNACK-PE3C0107-60 Datasheet
328Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 60 Inch Length Using LMR-400 Coax
PE3C0111 PASTERNACK-PE3C0111 Datasheet
328Kb / 3P
N Male to N Male Right Angle Cable Using LMR-600 Coax And Times Connectors
PE3C0120 PASTERNACK-PE3C0120 Datasheet
387Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com