Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6573IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6573IPW
Description  QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6573IPW Datasheet(HTML) 1 Page - Texas Instruments

  DAC6573IPW Datasheet HTML 1Page - Texas Instruments DAC6573IPW Datasheet HTML 2Page - Texas Instruments DAC6573IPW Datasheet HTML 3Page - Texas Instruments DAC6573IPW Datasheet HTML 4Page - Texas Instruments DAC6573IPW Datasheet HTML 5Page - Texas Instruments DAC6573IPW Datasheet HTML 6Page - Texas Instruments DAC6573IPW Datasheet HTML 7Page - Texas Instruments DAC6573IPW Datasheet HTML 8Page - Texas Instruments DAC6573IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Resistor
Network
8
18
Data
Buffer A
DAC
Register A
Data
Buffer D
DAC
Register D
DAC A
DAC D
Buffer
Control
Register
Control
Power−Down
Control Logic
VOUTA
VOUTB
VOUTC
VOUTD
VREFL
A0
A1
A2
A3
GND
I2C Block
SCL
SDA
LDAC
VREFH
IOVDD
VDD
DAC6573
SLAS402 – NOVEMBER 2003
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,
I
2
C INTERFACE DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 500 µA at 3 V VDD
The DAC6573 is a low-power, quad channel, 10-Bit
•
Fast Update Rate: 188 kSPS
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing. The
•
Power-On Reset to Zero
DAC6573 utilizes an I
2C compatible two wire serial
•
2.7-V to 5.5-V Analog Power Supply
interface supporting high-speed interface mode with
•
10-Bit Monotonic
address support of up to sixteen DAC6573s for a total
•
I
2C™ Interface up to 3.4 Mbps
of 64 channels on the bus.
•
Data Transmit Capability
The DAC6573 requires an external reference voltage
•
Rail-to-Rail Operation Output Buffer Amplifier
to set the output range of the DAC. The DAC6573
incorporates a power-on-reset circuit that ensures
•
Double-Buffered Input Register
that the DAC output powers up at zero volts and
•
Address Support for up to Sixteen DAC6573s
remains there until a valid write takes place in the
•
Synchronous Update for up to 64 Channels
device. The DAC6573 contains a power-down fea-
•
Voltage Translators for all Digital Inputs
ture, accessed via the internal control register, that
reduces the current consumption of the device to 200
•
Operation From –40
°C to 105°C
nA at 5 V.
•
Small 16 Lead TSSOP Package
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
operated equipment. The power consumption is less
•
Process Control
than 3 mW at VDD=5 V reducing to 1 µW in
•
Data Acquisition Systems
power-down mode.
•
Closed-Loop Servo Control
The DAC6573 is available in a 16-lead TSSOP
•
PC Peripherals
package.
•
Portable Instrumentation
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC6573IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6573IPW TI-DAC6573IPW Datasheet
323Kb / 26P
This document contains the following chapters
DAC6573IPW TI1-DAC6573IPW Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573IPW TI2-DAC6573IPW Datasheet
826Kb / 36P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
NOVEMBER 2003
DAC6573IPW.B TI2-DAC6573IPW.B Datasheet
826Kb / 36P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
NOVEMBER 2003
DAC6573IPWG4 TI1-DAC6573IPWG4 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC6573IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574 TI-DAC5574 Datasheet
519Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI1-DAC6573_16 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com