Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2037 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2037
Description  Low-Voltage, Low rON, Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2037 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2037 Datasheet HTML 1Page - Vishay Siliconix DG2037 Datasheet HTML 2Page - Vishay Siliconix DG2037 Datasheet HTML 3Page - Vishay Siliconix DG2037 Datasheet HTML 4Page - Vishay Siliconix DG2037 Datasheet HTML 5Page - Vishay Siliconix DG2037 Datasheet HTML 6Page - Vishay Siliconix DG2037 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DG2037/2038/2039
Vishay Siliconix
New Product
Document Number: 72359
S-31642—Rev. A, 01-Aug-03
www.vishay.com
3
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
- 0.3 to 6.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
- 0.3 V to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
MSOP-8c
320 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SOT23-8c
515 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by
internal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 25_C
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.4 or 1.5 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA
Room
Full
3
6
7
rON Flatnessd
rON
Flatness
V+ = 2.7 V, VCOM = 1.5 to V+, INO, INC = 10 mA
Room
0.5
W
rON Matchd
rON Match
V+ = 2.7 V, VD = 1.5 to V+, ID = 10 mA
Room
0.3
Switch Off Leakage Current
INO(off),
INC(off)
V+ = 3.3 V
Room
Full
-1
-10
1
10
Switch Off Leakage Current
ICOM(off)
V+ = 3.3 V
VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
Room
Full
-1
-10
1
10
nA
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
-1
-10
1
10
Digital Control
Input High Voltage
VINH
Full
1.5
V
Input Low Voltage
VINL
Full
0.4
V
Input Capacitanced
Cin
f = 1 MHz
Full
8
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
mA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Room
Full
22
35
40
ns
Turn-Off Time
tOFF
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Figure 1 and 2
Room
Full
17
31
35
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3
Room
1
pC
Off-Isolationd
OIRR
RL = 50 W CL = 5 pF f = 1 MHz
Room
-61
dB
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
-67
dB
Source-Off Capacitanced
CNC/NO(off)
Room
17
Drain-Off Capacitanced
CCOM(off)
VIN = 0 or V+, f = 1 MHz
Room
19
pF
Channel-On Capacitanced
CON
IN
Room
35
p
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
VIN = 0 or V+
0.02
1.0
mA
Power Consumption
PC
VIN = 0 or V+
3.3
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com