Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1052 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1052
Description  5-Bit, Programmable, 100kHz Pulse-Width Modulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1052 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1052 Datasheet HTML 6Page - Dallas Semiconductor DS1052 Datasheet HTML 7Page - Dallas Semiconductor DS1052 Datasheet HTML 8Page - Dallas Semiconductor DS1052 Datasheet HTML 9Page - Dallas Semiconductor DS1052 Datasheet HTML 10Page - Dallas Semiconductor DS1052 Datasheet HTML 11Page - Dallas Semiconductor DS1052 Datasheet HTML 12Page - Dallas Semiconductor DS1052 Datasheet HTML 13Page - Dallas Semiconductor DS1052 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1052
11 of 14
DS1052 COMMANDS AND PROTOCOL Figure 4
MSB
LSB
S
T
A
R
T
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
Don't Care
1
MSB
LSB
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
11
Don't Care
0
SET SHUT-DOWN MODE
MSB
LSB
A0
A1
A2
1
0
1
01
R/W=1
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
PWM-DATA
0
READ PWM DUTY CYCLE
MSB
LSB
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
10
Don't Care
0
RECALL MODE
(e)
(d)
(c)
(b)
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
O
P
S
T
O
P
S
T
O
P
S
T
O
P
MSB
LSB
S
A
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
PWM Data
0
SET PWM DUTY CYCLE
(a)
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com