Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166 Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56166
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56166 Datasheet HTML 5Page - Motorola, Inc DSP56166 Datasheet HTML 6Page - Motorola, Inc DSP56166 Datasheet HTML 7Page - Motorola, Inc DSP56166 Datasheet HTML 8Page - Motorola, Inc DSP56166 Datasheet HTML 9Page - Motorola, Inc DSP56166 Datasheet HTML 10Page - Motorola, Inc DSP56166 Datasheet HTML 11Page - Motorola, Inc DSP56166 Datasheet HTML 12Page - Motorola, Inc DSP56166 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
DSP56166
MOTOROLA
PRELIMINARY
ON-CHIP EMULATION (4 PINS)
DSI/OS0
(Debug Serial Input/Chip Status 0) — The
DSI/OS0 pin, when an input, is the pin through which serial
data or commands are provided to the OnCE controller.
The data received on the DSI pin will be recognized only
when the DSP has entered the debug mode of operation.
Data must have valid TTL logic levels before the serial clock
falling edge. Data is always shifted into the OnCE serial port
most significant bit (MSB) first. When the DSP is not in the
debug mode, the DSI/OS0 pin is an output and it provides
information about the chip status. It is used in conjunction
with the OS1 pin.
DSCK/OS1
(Debug Serial Clock/Chip Status 1) — The
DSCK/OS1 pin, when an input, is the pin through which the
serial clock is supplied to the OnCE. The serial clock
provides pulses required to shift data into and out of the
OnCE serial port. Data is clocked into the OnCE on the
falling edge and is clocked out of the OnCE serial port on
the rising edge. When the DSP is not in the debug mode,
the DSCK/OS1pin is an output and it provides information
about the chip status. It is used in conjunction with the OS0
pin.
DSO
(Debug Serial Output) — The debug serial output
provides the data contained in one of the OnCE controller
registers as specified by the last command received from
the command controller. When idle, this pin is high. When
the requested data is available, the DSO line will be
asserted (negative true logic) for nine T cycles (more than
two instruction cycles) to indicate that the serial shift
register is ready to receive clocks in order to deliver the
data. When the chip enters the debug mode due to an
external debug request (DR), an internal software debug
request (DEBUG), a hardware breakpoint occurrence or a
trace/step occurrence, this line will be asserted for eight T
cycles to indicate that the chip has entered the debug mode
and is waiting for commands. Data is always shifted out the
OnCE serial port most significant bit (MSB) first.
DR
(Debug Request Input) — The debug request input
provides a means of entering the debug mode of operation.
This pin when asserted (negative true logic) will cause the
DSP to finish the current instruction being executed, enter
the debug mode, and wait for commands to be entered
from the debug serial input line.
ON-CHIP CODEC (7 PINS)
AUX
(Auxiliary input) — This pin is selected as the analog
input to the A/D converter when the INS bit is set in the
codec control register COCR. This pin should be left
floating when the codec is not used.
BIAS
(Bias current pin) — This input is used to determine
the bias current for the analog circuitry. Connecting a
resistor between BIAS and VGNDA will program the current
bias generator. This pin should be left floating when the
codec is not used.
MIC
(Microphone input) — This pin is selected as the
analog input to the A/D converter when the INS bit is
cleared in the codec control register COCR. This pin should
be left floating when the codec is not used.
SPKP
(Speaker Positive Output) — This pin is the positive
analog output from the on-chip D/A converter. This pin
should be left floating when the codec is not used.
SPKM
(Speaker Negative Output) — This pin is the negative
analog output from the on-chip D/A converter. This pin
should be left floating when the codec is not used.
VRAD
(Voltage Reference Output for the A/D) — This pin is
the output of the op-amp buffer in the reference voltage
generator for the A/D section. It has a value of (2/5) VDDA.
This voltage is used for analog ground internal to the
block.This pin should always be connected to the Ground
through two capacitors, even when the codec is not used.
VRDA
(Voltage Reference Output for the D/A) — This pin is
the output of the op-amp buffer in the reference voltage
generator for the D/A section. It has a value of (2/5) VDDA.
This voltage is used for analog ground internal to the
block.This pin should always be connected to the Ground
through two capacitors, even when the codec is not used.
VDIV
(Voltage Division Output) — This pin is the input to the
op-amp buffer in the reference voltage generator. It is
connected to a resistor divider network located within the
codec block which provides a voltage equal to (2/5)VDDA.
This pin should be connected to the ground via a capacitor
when the codec is used and should be left floating when the
codec is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com