Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735CTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG59M1735CTR
Description  Thermal Shutdown Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1735CTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG59M1735CTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1735CTR Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
000-0059M1735-102
Page 2 of 16
SLG59M1735C
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
A1
VDD
PWR
VDD power for load switch control (2.5 V to 5.5 V)
B1
ON
Input
Turns MOSFET ON (4 M
Ω pull down resistor)
CMOS input with VIL < 0.3 V, VIH > 0.85 V
C1
D
MOSFET
Drain of Power MOSFET (fused with pin 4)
D1
D
MOSFET
Drain of Power MOSFET (fused with pin 3)
D2
S
MOSFET
Source of Power MOSFET (fused with pin 6)
C2
S
MOSFET
Source of Power MOSFET (fused with pin 5)
B2
CAP
Input
Capacitor for controlling power rail ramp rate
A2
GND
GND
Ground
Part Number
Type
Production Flow
SLG59M1735C
WLCSP 8L
Industrial, -40
°C to 85 °C
SLG59M1735CTR
WLCSP 8L (Tape and Reel)
Industrial, -40
°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com