Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP31C
Description  NPN Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP31C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP31C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
TIP31C
版本:
201505A
2/4
电特性 ELECTRICAL CHARACTERISTIC
*Pulse Test: PW≤300ms, Duty Cycle≤2%
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VCEO(sus)
Ic=30mA,IB=0
100
-
V
ICES
VCE=100V,VEB=0
-
-
400
μA
ICEO
VCE=60V,IB=0
-
-
0.7
mA
IEBO
VEB=5V,IC=0
-
-
1
mA
VCE=4V,IC=1A
25
-
hFE*
VCE=4V,IC=3A
10
55
-
VCE(sat)*
IC=3A,IB=0.375A
-
1.2
V
VBE(ON)*
IC=3A, VCE=4V
-
1.8
V
fT
VCE=10V, Ic=0.5A,f=1MHz
3.0
-
-
MHz
hFE – IC
VCE(sat) - IC 、VBE(sat)- IC
IC(A)
IC(A)
VCE(V)
SOA
PC-TC
TC(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com