Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46117 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46117
Description  Highly Versatile Macrocells
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46117 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46117 Datasheet HTML 17Page - Dialog Semiconductor SLG46117 Datasheet HTML 18Page - Dialog Semiconductor SLG46117 Datasheet HTML 19Page - Dialog Semiconductor SLG46117 Datasheet HTML 20Page - Dialog Semiconductor SLG46117 Datasheet HTML 21Page - Dialog Semiconductor SLG46117 Datasheet HTML 22Page - Dialog Semiconductor SLG46117 Datasheet HTML 23Page - Dialog Semiconductor SLG46117 Datasheet HTML 24Page - Dialog Semiconductor SLG46117 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
000-0046117-109
Page 20 of 87
SLG46117
7.0 I/O Pins
The SLG46117 has a total of 7 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function (such as outputting the voltage reference). Refer to Section 2.0 Pin Description for pin definitions.
Of the 7 user defined I/O pins on the SLG46117, all but one of the pins (Pin 1) can serve as both digital input and digital output.
Pin 1 can only serve as a digital input pin.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt trigger, or can also be configured as a low
voltage digital input. Pins 2 and 3 can also be configured to serve as analog inputs to the on-chip comparators.
7.2 Output Modes
Pins 2, 3, 10, 11, 12, and 13 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 1, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com