Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121 Datasheet(PDF) 84 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 84 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 80Page - Dialog Semiconductor SLG46121 Datasheet HTML 81Page - Dialog Semiconductor SLG46121 Datasheet HTML 82Page - Dialog Semiconductor SLG46121 Datasheet HTML 83Page - Dialog Semiconductor SLG46121 Datasheet HTML 84Page - Dialog Semiconductor SLG46121 Datasheet HTML 85Page - Dialog Semiconductor SLG46121 Datasheet HTML 86Page - Dialog Semiconductor SLG46121 Datasheet HTML 87Page - Dialog Semiconductor SLG46121 Datasheet HTML 88Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
000-0046121--106
Page 83 of 97
SLG46121
reg<435>
DFF5 initial polarity select
0: Low
1: High
LUT3_2 or DFF6
reg<447:440>
LUT3_2 data or the following
reg<440>
DFF6 or Latch select
0: DFF function
1: Latch function
reg<441>
DFF6 output select
0: Q output
1: nQ output
reg<442>
DFF6 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg<443>
DFF6 initial polarity select
0: Low
1: High
LUT3_3 or DFF7
reg<455:448>
LUT3_3 data or the following
reg<448>
DFF7 or Latch select
0: DFF function
1: Latch function
reg<449>
DFF7 output select
0: Q output
1: nQ output
reg<450>
DFF7 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg<451>
DFF7 initial polarity select
0: Low
1: High
LUT3_4
reg<463:456>
LUT3_4 data
LUT3_5
reg<471:464>
LUT3_5 data
LUT3_6
reg<479:472>
LUT3_6 data
LUT3_7
reg<487:480>
LUT3_7 data
LUT3_8 or pip number select
reg<495:488>
reg<490:488>: OUT0 select
data (pipe number)
reg<493:491>: OUT1 select
data (pipe number)
reg<495:494>: Unused if Pipe Delay selected
Unused
LUT3/DFF Select
reg<496>
LUT3_0 or DFF4 select
0: LUT3_0
1: DFF4
reg<497>
LUT3_1 or DFF5 select
0: LUT3_1
1: DFF5
reg<498>
LUT3_2 or DFF6 select
0: LUT3_3
1: DFF6
reg<499>
LUT3_3 or DFF7 select
0: LUT3_4
1: DFF7
reg<500>
LUT3_8 or pipe delay output select
0: LUT3_8
1: pipe delay
LUT4_0 or Counter/Delay2
reg<516:501>
LUT4_0 data data or the following
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com