Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46722 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46722
Description  Personal Computers and Servers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46722 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46722 Datasheet HTML 17Page - Dialog Semiconductor SLG46722 Datasheet HTML 18Page - Dialog Semiconductor SLG46722 Datasheet HTML 19Page - Dialog Semiconductor SLG46722 Datasheet HTML 20Page - Dialog Semiconductor SLG46722 Datasheet HTML 21Page - Dialog Semiconductor SLG46722 Datasheet HTML 22Page - Dialog Semiconductor SLG46722 Datasheet HTML 23Page - Dialog Semiconductor SLG46722 Datasheet HTML 24Page - Dialog Semiconductor SLG46722 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
000-0046722-111
Page 20 of 82
SLG46722
7.4.13 PIN 15 Register Settings
7.4.14 PIN 16 Register Settings
Table 18. PIN 15 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 15 Mode
Control
<929:927>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
PIN 15 Pull
Up/Down Resistor
Value Selection
<931:930>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 15 Pull
Up/Down Resistor
Selection
<932>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 15 Driver
Strength Selection
<933>
0: 1X
1: 2X
Table 19. PIN 16 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 16 Mode
Control
<936:934>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
PIN 16 Pull
Up/Down Resistor
Value Selection
<938:937>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 16 Pull
Up/Down Resistor
Selection
<939>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 16 Driver
Strength Selection
<940>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com