Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3012LFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3012LFG
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3012LFG Datasheet HTML 1Page - Diodes Incorporated DMN3012LFG Datasheet HTML 2Page - Diodes Incorporated DMN3012LFG Datasheet HTML 3Page - Diodes Incorporated DMN3012LFG Datasheet HTML 4Page - Diodes Incorporated DMN3012LFG Datasheet HTML 5Page - Diodes Incorporated DMN3012LFG Datasheet HTML 6Page - Diodes Incorporated DMN3012LFG Datasheet HTML 7Page - Diodes Incorporated DMN3012LFG Datasheet HTML 8Page - Diodes Incorporated DMN3012LFG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMN3012LFG
Document number: DS38967 Rev. 5 - 2
3 of 10
www.diodes.com
October 2017
© Diodes Incorporated
DMN3012LFG
Electrical Characteristics Q2 (@TA = +25°C, unless otherwise specified.)
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
Typical Circuit
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.75
—
1.15
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
5.2
6
m
Ω
VGS = 5V, ID = 15A
Forward Transfer Admittance
|Yfs|
—
46
—
S
VDS = 5V, ID = 15A
Diode Forward Voltage
VSD
—
—
1.0
V
VGS = 0V, IS = 15A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
1137
1480
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
620
810
pF
Reverse Transfer Capacitance
Crss
—
24
32
pF
Gate Resistance
Rg
—
0.54
1.1
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
9.7
12.6
nC
VDS = 15V, ID = 15A
Total Gate Charge at VTH
Qg(TH)
—
0.96
—
nC
Gate-Source Charge
Qgs
—
1.7
—
nC
Gate-Drain Charge
Qgd
—
1.2
—
nC
Turn-On Delay Time
tD(ON)
—
4.4
6.6
ns
VDD = 15V, VGS = 4.5V,
ID = 15A, RG = 2Ω
Turn-On Rise Time
tR
—
3.5
—
ns
Turn-Off Delay Time
tD(OFF)
—
12.4
18.6
ns
Turn-Off Fall Time
tF
—
2.9
—
ns
Reverse Recovery Time
tRR
—
30.5
—
ns
IF = 15A, di/dt = 300A/μs
Reverse Recovery Charge
QRR
—
10.8
—
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com