Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3016LDV-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3016LDV-13
Description  DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LDV-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3016LDV-13 Datasheet HTML 1Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 2Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 3Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 4Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 5Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 6Page - Diodes Incorporated DMN3016LDV-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DMN3016LDV
Document number: DS38744 Rev. 2 - 2
2 of 7
www.diodes.com
July 2016
© Diodes Incorporated
DMN3016LDV
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 7)
Steady
State
TC = +25°C
TC = +70°C
ID
21
17
A
Maximum Body Diode Forward Current (Note 6)
IS
A
Pulsed Drain Current (380
μs pulse, Duty cycle = 1%)
IDM
70
A
Avalanche Current (L = 0.1mH) (Note 8)
IAS
22
A
Avalanche Energy (L = 0.1mH) (Note 8)
EAS
24
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
134
°C/W
t<10s
78
Total Power Dissipation (Note 6)
PD
1.8
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
70
°C/W
t<10s
41
Thermal Resistance, Junction to Case (Note 7)
RθJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1.4
-
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
-
9.5
12
m
Ω
VGS = 10V, ID = 7A
14
17
VGS = 4.5V, ID = 7A
Diode Forward Voltage
VSD
-
0.70
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
-
1184
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
137
-
Reverse Transfer Capacitance
Crss
-
107
-
Gate Resistance
Rg
-
3.0
-
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
9.5
-
nC
VDS = 15V, ID = 12A
Total Gate Charge (VGS = 10V)
Qg
-
21
-
Gate-Source Charge
Qgs
-
3.8
-
Gate-Drain Charge
Qgd
-
4.1
-
Turn-On Delay Time
tD(ON)
-
4.5
-
ns
VDD = 15V, VGS = 10V,
RL = 1.5Ω, RG = 3Ω
Turn-On Rise Time
tR
-
3.3
-
Turn-Off Delay Time
tD(OFF)
-
14
-
Turn-Off Fall Time
tF
-
3.6
-
Reverse Recovery Time
tRR
-
9.3
-
ns
IF = 12A, di/dt = 500A/μs
Reverse Recovery Charge
QRR
-
2.5
-
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com