Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3021LFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3021LFDF
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3021LFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3021LFDF Datasheet HTML 1Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 2Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 3Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 4Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 5Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 6Page - Diodes Incorporated DMN3021LFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN3021LFDF
Datasheet number: DS37731 Rev. 2 - 2
1 of 7
www.diodes.com
July 2016
© Diodes Incorporated
DMN3021LFDF
D
S
G
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) Max
ID Max
TA = +25°C
30V
15m
Ω @ VGS = 10V
9.3A
20
mΩ @ VGS = 4.5V
8.1A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Battery Management Application
Power Management Functions
DC-DC Converters
Features
0.6mm Profile
– Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Low Gate Threshold Voltage
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6 (Type F)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.007 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3021LFDF-7
U-DFN2020-6 (Type F)
3,000/Tape & Reel
DMN3021LFDF-13
U-DFN2020-6 (Type F)
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
Code
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Out
Internal Schematic
F2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
U-DFN2020-6 (Type F)
Bottom View
F2
Bottom View
e4
Top View
e4


Similar Part No. - DMN3021LFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3020LK3 DIODES-DMN3020LK3 Datasheet
280Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020LK3-13 DIODES-DMN3020LK3-13 Datasheet
280Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UFDF DIODES-DMN3020UFDF Datasheet
513Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3020UTS DIODES-DMN3020UTS Datasheet
311Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3020UTS-13 DIODES-DMN3020UTS-13 Datasheet
311Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMN3021LFDF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com