Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G751 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G751 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 2.4
Nov 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G751
Global Mixed-mode Technology Inc.
8 Pin MSOP Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.10
-----
-----
0.043
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.81
0.86
0.91
0.032
0.034
0.036
b
0.25
-----
0.40
0.008
-----
0.012
b1
0.25
0.30
0.35
0.010
0.012
0.014
c
0.13
-----
0.23
0.005
0.009
c1
0.13
0.15
0.18
0.005
0.006
0.007
D
2.90
3.00
3.10
0.114
0.118
0.122
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65 BSC
0.026 BSC
E
4.90 BSC
0.193 BSC
L
0.445
0.55
0.648
0.0175
0.0217
0.0255
θ
1
0
°
-----
6
°
0
°
-----
6
°
θ
2
12 REF
12 REF
θ
3
12 REF
12 REF
R
0.09
-----
-----
0.004
-----
-----
R1
0.09
-----
-----
0.004
-----
-----
JEDEC
MO-187AA
Taping Specification
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SOP/MSOP Package Orientation
Feed Direction
Typical SOP/MSOP Package Orientation
E1
8
E
1
DETAIL “A”
A
A
CL
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ
1
GAUGE PLANE
R
R1
L
θ3
θ2
E1
8
E
1
DETAIL “A”
A
A
CL
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ
1
GAUGE PLANE
R
R1
L
θ3
θ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com