Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6102 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA6102 Datasheet HTML 1Page - Dialog Semiconductor DA6102 Datasheet HTML 2Page - Dialog Semiconductor DA6102 Datasheet HTML 3Page - Dialog Semiconductor DA6102 Datasheet HTML 4Page - Dialog Semiconductor DA6102 Datasheet HTML 5Page - Dialog Semiconductor DA6102 Datasheet HTML 6Page - Dialog Semiconductor DA6102 Datasheet HTML 7Page - Dialog Semiconductor DA6102 Datasheet HTML 8Page - Dialog Semiconductor DA6102 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
4 of 82
© 2017 Dialog Semiconductor
Figures
Figure 1: System Diagram..................................................................................................................... 2
Figure 2: Connection Diagram (Top View) ............................................................................................ 6
Figure 3: I
2C Timing............................................................................................................................. 17
Figure 4: Frequency vs Temperature .................................................................................................. 18
Figure 5: IQ_Standby vs VBATT ......................................................................................................... 18
Figure 6: LDO1 Load Regulation......................................................................................................... 18
Figure 7: LDO2 Load Regulation......................................................................................................... 18
Figure 8: Ch 1 Efficiency (Vout = 5.3 V) .............................................................................................. 19
Figure 9: Ch 2 Efficiency (Vout = 4.25 V) ............................................................................................ 19
Figure 10: Ch 3 Efficiency (Vout = 3.3 V) ............................................................................................ 19
Figure 11: Ch 4 Efficiency (Vout = 4.0 V) ............................................................................................ 19
Figure 12: Ch 1 Load Regulation ........................................................................................................ 19
Figure 13: Ch 2 Load Regulation ........................................................................................................ 19
Figure 14: Ch 3 Load Regulation ........................................................................................................ 20
Figure 15: Ch 4 Load Regulation ........................................................................................................ 20
Figure 16: Ch 1 Load Transient Response ......................................................................................... 20
Figure 17: Ch 2 Load Transient Response ......................................................................................... 20
Figure 18: Ch 3 Load Transient Response ......................................................................................... 20
Figure 19: Ch 4 Load Transient Response ......................................................................................... 20
Figure 20: CS1 Accuracy..................................................................................................................... 21
Figure 21: CS2 Accuracy..................................................................................................................... 21
Figure 22: CS3 Accuracy..................................................................................................................... 21
Figure 23: Example Start-up Sequence .............................................................................................. 21
Figure 24: Shutdown Sequence .......................................................................................................... 21
Figure 25: Typical Application Schematic ........................................................................................... 22
Figure 26: LDO1 and LDSW1 Architecture ......................................................................................... 24
Figure 27: LDO Start-upStart-up and LDSW1 Timing ......................................................................... 25
Figure 28: LDO2 and LDSW2 Architecture ......................................................................................... 26
Figure 29: Operating State Transitions ............................................................................................... 28
Figure 30: Sequencer, Enable, and FAULT logic................................................................................ 29
Figure 31: Sequencer Start-Up Example ............................................................................................ 30
Figure 32: Frequency Selection and Distribution ................................................................................ 33
Figure 33: OV and SC Fault Protection Example................................................................................ 35
Figure 34: CS1 Functional Diagram .................................................................................................... 41
Figure 35: PGOOD Function ............................................................................................................... 43
Figure 36: Short Circuit FAULT Logic ................................................................................................. 43
Figure 37: I
2C Start (S) and Stop (P)................................................................................................... 47
Figure 38: Single Write Command ...................................................................................................... 47
Figure 39: Consecutive Write Command ............................................................................................ 48
Figure 40: Single Read Command (Two Methods) ............................................................................. 48
Figure 41: Sequential Address Multiple Read Command ................................................................... 49
Figure 42: PCB Layout Guidelines ...................................................................................................... 51
Figure 43: Current Mode Loop Gain.................................................................................................... 76
Figure 44: Voltage Mode Loop Gain (Channel3) ................................................................................ 78
Figure 45: Package Outline Drawing................................................................................................... 80
Tables
Table 1: Pin Description ........................................................................................................................ 7
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings..................................................................................................... 9
Table 4: Recommended Operating Conditions ................................................................................... 10
Table 5: DC Characteristics................................................................................................................. 10
Table 6: AC Characteristics................................................................................................................. 16
Table 7: I
2C Timing Characteristics ..................................................................................................... 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com