Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL700 Datasheet(PDF) 2 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 2 Page - Micronas

  HAL700 Datasheet HTML 1Page - Micronas HAL700 Datasheet HTML 2Page - Micronas HAL700 Datasheet HTML 3Page - Micronas HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HAL700
ADVANCE INFORMATION
2
Micronas
Contents
Page
Section
Title
3
1.
Introduction
3
1.1.
Features
3
1.2.
Applications
4
1.3.
Marking Code
4
1.3.1.
Special Marking of Prototype Parts
4
1.4.
Operating Junction Temperature Range
4
1.5.
Hall Sensor Package Codes
4
1.6.
Solderability
5
2.
Functional Description
6
3.
Specifications
6
3.1.
Outline Dimensions
6
3.2.
Dimensions of Sensitive Areas
6
3.3.
Positions of Sensitive Areas
7
3.4.
Absolute Maximum Ratings
7
3.5.
Recommended Operating Conditions
8
3.6.
Electrical Characteristics
9
3.7.
Magnetic Characteristics
9
3.7.1.
Magnetic Threshold
9
3.7.2.
Matching of BS1 and BS2
9
3.7.3.
Hysteresis Matching
10
4.
Application Notes
10
4.1.
Ambient Temperature
10
4.2.
Extended Operating Conditions
10
4.2.1.
Supply voltage below 3.8 V
10
4.3.
Start-up Behavior
10
4.4.
EMC and ESD
12
5.
Data Sheet History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com