Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-706-G-F-R-107 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VT-706-G-F-R-107
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-706-G-F-R-107 Datasheet(HTML) 4 Page - Vectron International, Inc

  VT-706-G-F-R-107 Datasheet HTML 1Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 2Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 3Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 4Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 5Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 6Page - Vectron International, Inc VT-706-G-F-R-107 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page4
Phase Noise Performance for 10MHz CMOS
Phase Noise Performance for 10MHz CMOS
Package Outline Drawing & Pad Layout
Dimensions in mm
Table 3. Pinout
Pin #
Symbol
Function
1
Vc or NC
TCXO Control Voltage or No Connect
2
GND
Ground
3
OUT
RF Output
4
V
DD
Supply Voltage
Note:
0.1uF capacitor is a by-pass power supply filter capacitor
placed between Pin4 (Vdd) and Ground for optimal
performance.
XXMXXX
YYWW T
Marking Information
XXMXX - Frequency (Example: 10M000)
YY - Year of Manufacture
WW - Week of the Year
T - Manufacturing Location
- Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com