Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46536 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46536
Description  Programmable Mixed-signal Matrix
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46536 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46536 Datasheet HTML 88Page - Dialog Semiconductor SLG46536 Datasheet HTML 89Page - Dialog Semiconductor SLG46536 Datasheet HTML 90Page - Dialog Semiconductor SLG46536 Datasheet HTML 91Page - Dialog Semiconductor SLG46536 Datasheet HTML 92Page - Dialog Semiconductor SLG46536 Datasheet HTML 93Page - Dialog Semiconductor SLG46536 Datasheet HTML 94Page - Dialog Semiconductor SLG46536 Datasheet HTML 95Page - Dialog Semiconductor SLG46536 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
SLG46536_DS_105
Page 91 of 164
SLG46536
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources. There is also a selectable
gain stage (1X, 0.5X, 0.33X, 0.25X) before connection to the analog comparator. The Gain divider is unbuffered and consists of
250 KΩ (typ.) resistors, see Table 80. For gain divider accuracy refer to Table 81. IN- voltage range: 0 - 1.2 V. Can use Vref
selection VDD/4 and VDD/3 to maintain this input range.
Input bias current < 1 nA (typ).
Each cell also has a hysteresis selection, to offer hysteresis of 0 mV, 25 mV, 50 mV or 200 mV. The 50 mV and 200 mV hysteresis
options can be used with internal voltage reference only, while 25 mV hysteresis option can be used with both internal and external
voltage reference. The 50 mV and 200 mV hysteresis options are one way hysteresis. It means that the actual thresholds will be
Vref (high threshold) and Vref - hysteresis (low threshold). The ACMP output will retain its previous value, if the input voltage is
within threshold window (between Vref and Vref - hysteresis). Please note: for the 25 mV hysteresis option threshold levels will
be Vref + hysteresis/2 (high threshold) and Vref – hysteresis/2 (low threshold).
Note: Any ACMP powered on enables the BandGap internal circuit as well. An analog voltage will appear on Vref even when the
Force BandGap option is set as Disabled.
Table 80. Gain Divider Input Resistance
Gain
x1
x0.5
x0.33
x0.25
Input Resistance
100 MΩ
1 MΩ
0.75 MΩ
1 MΩ
Table 81. Gain Divider Accuracy
Gain
x0.5
x0.33
x0.25
Accuracy
±0.51%
±0.34%
±0.25%
Figure 51. Maximum Power On Delay vs. VDD,
BG = 550 µs.
600
650
700
750
800
850
900
950
1000
1050
1100
VDD (V)
-40⁰C
+25⁰C
+85⁰C
Figure 52. Maximum Power On Delay vs. VDD,
BG = 100 µs.
120
130
140
150
160
170
180
190
200
210
220
VDD (V)
-40⁰C
+25⁰C
+85⁰C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com