Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46537 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46537
Description  Logic & Mixed Signal Circuits
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46537 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46537 Datasheet HTML 17Page - Dialog Semiconductor SLG46537 Datasheet HTML 18Page - Dialog Semiconductor SLG46537 Datasheet HTML 19Page - Dialog Semiconductor SLG46537 Datasheet HTML 20Page - Dialog Semiconductor SLG46537 Datasheet HTML 21Page - Dialog Semiconductor SLG46537 Datasheet HTML 22Page - Dialog Semiconductor SLG46537 Datasheet HTML 23Page - Dialog Semiconductor SLG46537 Datasheet HTML 24Page - Dialog Semiconductor SLG46537 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 193 page
background image
SLG46537_DS_108
Page 20 of 192
SLG46537
5.12.2 25 MHz RC Oscillator
Note 1: Operating 25 MHz RC OSC1 is not recommended at VDD < 2.5 V.
Table 10. 25 MHz RC OSC1 frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
Minimum
Value, MHz
Maximum
Value, MHz
2.5 V ±10%
22.344
27.023
21.687
27.777
21.687
27.706
3.3 V ±10%
22.412
26.290
21.399
26.595
21.399
27.069
5 V ±10%
23.049
26.646
21.900
27.220
21.900
27.647
2.5 V ... 4.5 V
21.511
26.290
20.738
26.685
20.738
27.123
1.71 V… 5.5 V (See Note1)
13.290
26.290
12.770
26.685
11.908
27.123
Table 11. 25 MHz RC OSC1 frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
2.5 V ±10%
-10.37%
8.40%
-13.00%
9.42%
-13.00%
11.14%
3.3 V ±10%
-11.10%
4.28%
-15.12%
5.49%
-15.12%
7.37%
5 V ±10%
-9.80%
4.27%
-14.30%
6.52%
-14.30%
8.19%
2.5 V ... 4.5 V
-14.68%
4.28%
-17.74%
5.85%
-17.74%
7.58%
1.71 V… 5.5 V (See Note1)
-47.29%
4.28%
-49.35%
5.85%
-52.77%
7.58%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com