Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46580 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46580
Description  Read Back Protection
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46580 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46580 Datasheet HTML 17Page - Dialog Semiconductor SLG46580 Datasheet HTML 18Page - Dialog Semiconductor SLG46580 Datasheet HTML 19Page - Dialog Semiconductor SLG46580 Datasheet HTML 20Page - Dialog Semiconductor SLG46580 Datasheet HTML 21Page - Dialog Semiconductor SLG46580 Datasheet HTML 22Page - Dialog Semiconductor SLG46580 Datasheet HTML 23Page - Dialog Semiconductor SLG46580 Datasheet HTML 24Page - Dialog Semiconductor SLG46580 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 194 page
background image
SLG46580/82/83_DS_062
Page 20 of 193
SLG46580/82/83
Preliminary
5.7 Counter/Delay Specifications
OSC Specifications
5.7.1 OSC Power On delay
Table 5. Typical Counter/Delay Offset.
Parameter
RC OSC
Freq
RC OSC Power
VDD = 2.5 V VDD = 3.3V VDD = 5.0V
Unit
offset
25kHz
auto
16
2.5
2.5
s
offset
2MHz
auto
1
0.6
0.4
s
offset
2kHz
auto
247
232
198
s
frequency settling time
25kHz
auto
16
14
12
s
frequency settling time
2MHz
auto
14
14
14
s
frequency settling time
2kHz
auto
250
200
150
s
variable (CLK period)
25kHz
forced
0-40
0-40
0-40
s
variable (CLK period)
2MHz
forced
0-0.5
0-0.5
0-0.5
s
variable (CLK period)
2kHz
forced
0-0.5
0-0.5
0-0.5
s
tpd (non-delayed edge)
25kHz/2MHz
either
25
14
10
ns
Table 6. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100; RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable"
Power
Supply
Range
(VDD) V
Configurable
OSC 2 MHz
Configurable
OSC 25 kHz
Low Power
OSC
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
2.30
0.65
0.95
14.79
19.47
216.39
285.27
2.50
0.59
0.86
14.13
19.14
211.10
282.30
2.70
0.55
0.79
13.44
28.32
206.05
279.48
3.00
0.49
0.71
3.21
35.05
198.88
275.01
3.30
0.45
0.65
1.61
16.23
191.87
272.35
3.60
0.42
0.60
1.62
2.29
185.12
268.96
4.20
0.37
0.53
1.70
2.50
172.07
262.31
4.50
0.35
0.50
1.74
2.58
165.94
259.51
5.00
0.33
0.46
1.80
2.65
157.57
252.63
5.50
0.31
0.43
1.80
2.60
154.01
242.82
Table 7. Oscillators Power On delay at room temperature, DLY/CNT Counter data = 100; RC OSC power setting: "Auto
Power On", RC osc clock to matrix input: "Enable", Fast Start-up Time Mode
Power
Supply
Range
(VDD) V
Configurable
OSC 2 MHz
Configurable
OSC 25 kHz
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
2.30
0.24
0.31
20.71
22.25
2.50
0.22
0.28
20.67
22.25
2.70
0.21
0.25
20.65
22.17
3.00
0.19
0.23
20.61
22.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com