Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46826 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46826
Description  Two High Speed General Purpose Rail-to-Rail Analog
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46826 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46826 Datasheet HTML 17Page - Dialog Semiconductor SLG46826 Datasheet HTML 18Page - Dialog Semiconductor SLG46826 Datasheet HTML 19Page - Dialog Semiconductor SLG46826 Datasheet HTML 20Page - Dialog Semiconductor SLG46826 Datasheet HTML 21Page - Dialog Semiconductor SLG46826 Datasheet HTML 22Page - Dialog Semiconductor SLG46826 Datasheet HTML 23Page - Dialog Semiconductor SLG46826 Datasheet HTML 24Page - Dialog Semiconductor SLG46826 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.4
21 of 165
© 2018 Dialog Semiconductor
SLG46826
GreenPAK Programmable Mixed Signal Matrix with In-System
Programmability
PRELIMINARY
3.5.4 OSC Power On delay
3.6 ACMP SPECIFICATIONS
Table 18: ACMP Specifications
3.3 V ±10 %
-1.33 %
1.05 %
-5.29 %
2.93 %
5 V ±10 %
-1.06 %
1.42 %
-5.11 %
3.21 %
2.5 V to 4.5 V
-1.52 %
1.16 %
-5.38 %
3.08 %
2.3 V to 5.5 V
-1.65 %
1.42 %
-5.51 %
3.21 %
Table 17: Oscillators Power On Delay at Room Temperature, OSC Power Mode: "Auto Power On"
Power
Supply
Range
(VDD), V
Oscillator2
25 MHz
Oscillator2 25 MHz
Start with delay
Oscillator1
2.048 MHz
Oscillator0
2.048 kHz
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
2.30
0.033
0.044
0.132
0.146
0.319
0.657
706.144
908.371
2.50
0.029
0.038
0.130
0.146
0.332
1.045
668.258
855.197
2.70
0.025
0.034
0.129
0.146
0.336
0.792
638.228
811.718
3.00
0.021
0.028
0.128
0.148
0.345
0.972
602.986
759.657
3.30
0.018
0.025
0.127
0.150
0.366
0.842
575.778
718.414
3.60
0.016
0.022
0.127
0.150
0.368
0.464
553.969
685.120
4.00
0.013
0.018
0.128
0.151
0.357
0.451
530.866
648.916
4.20
0.012
0.015
0.128
0.151
0.355
0.540
521.049
633.638
4.50
0.011
0.015
0.128
0.152
0.355
0.732
507.787
613.429
5.00
0.010
0.015
0.129
0.154
0.382
0.881
486.721
582.113
5.50
0.010
0.012
0.130
0.155
0.386
0.774
462.127
551.579
Symbol
Parameter
Description/Note
Conditions
Min.
Typ.
Max.
Unit
VACMP
ACMP0H, ACMP1H,
ACMP2L, ACMP3L
Input Voltage Range
Positive Input
VDD = 2.3 V to 5.5 V
0--
VDD
V
Negative Input
0
--
VDD
V
Voffset
ACMP0H, ACMP1H
Input Offset Voltage
Vhys = 0 mV, Gain = 1,
Vref = 32 mV to 2016 mV,
VDD = 2.3 V to 5.5 V
T = 25°C
0
--
5.68
mV
T = -40 °C to 85 °C
0
--
6.33
mV
ACMP2L, ACMP3L
Input Offset Voltage
T = 25°C
0
--
5.09
mV
T = -40 °C to 85 °C
0
--
5.55
mV
tstart
ACMP0H, ACMP1H
Start Time
ACMP Power On delay,
Minimal required wake
time for the “Wake and
Sleep function”
T = 25°C
VDD = 2.3 V to 5.5 V
--
25.0
36.3
µS
T = -40 °C to 85 °C
VDD = 2.3 V to 5.5 V
--
26.2
51.4
µS
ACMP2L, ACMP3L
Start Time
T = 25°C
VDD = 2.3 V to 5.5 V
--
139.3
233.3
µS
T = -40 °C to 85 °C
VDD = 2.3 V to 5.5 V
--
144.6
326.6
µS
Table 16: Oscillator2 25 MHz Frequency Error (Error Calculated Relative to Nominal Value)
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Error
(% at Minimum)
Error
(% at Maximum)
Error
(% at Minimum)
Error
(% at Maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com