Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55031 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG55031
Description  Low Voltage Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55031 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG55031 Datasheet HTML 1Page - Dialog Semiconductor SLG55031 Datasheet HTML 2Page - Dialog Semiconductor SLG55031 Datasheet HTML 3Page - Dialog Semiconductor SLG55031 Datasheet HTML 4Page - Dialog Semiconductor SLG55031 Datasheet HTML 5Page - Dialog Semiconductor SLG55031 Datasheet HTML 6Page - Dialog Semiconductor SLG55031 Datasheet HTML 7Page - Dialog Semiconductor SLG55031 Datasheet HTML 8Page - Dialog Semiconductor SLG55031 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
000-0055031-100
Page 2 of 12
SLG55031
Pin Description
Pin Name
Pin Number
Type
Pin Description
VCC
1
Power
Supply Voltage 5V
ENABLE
2
Input
CMOS Logic Level. High True for SLG55031
CNFG
3
Input
Resistor or Capacitor Connection for timing configuration
GND
4
GND
Ground.
DRAIN
5
Input
FET Drain Connection
SOURCE
6
Input
Source Connection
GATE
7
Output
FET Gate Drive
DONE
8
Output
Output CMOS Open Drain - Power Good, indicates external FET
fully on.
Ordering Information
Part Number
External Timing
Component
Enable Polarity
External FET
Threshold Voltage
Range
Package Type
SLG55031VTR
External Resistor
HIGH True Active
1.5V < VT < 2.5V
TDFN-8 - Tape and Reel (3k units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com