Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55566 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG55566
Description  USB Host Charger Identification
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55566 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG55566 Datasheet HTML 1Page - Dialog Semiconductor SLG55566 Datasheet HTML 2Page - Dialog Semiconductor SLG55566 Datasheet HTML 3Page - Dialog Semiconductor SLG55566 Datasheet HTML 4Page - Dialog Semiconductor SLG55566 Datasheet HTML 5Page - Dialog Semiconductor SLG55566 Datasheet HTML 6Page - Dialog Semiconductor SLG55566 Datasheet HTML 7Page - Dialog Semiconductor SLG55566 Datasheet HTML 8Page - Dialog Semiconductor SLG55566 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
000-00055566-104
Page 2 of 9
SLG55566
SLG55566A
Pin Description - SLG55566
Pin Description - SLG55566A
Pin #
Name
Type
Description
1
CEN#
Output
P-FET Open Drain Output. Current Limit Switch (CLS) Control Output. CB
changes from 0 to 1 or 1 to 0. CEN# will be high for 1 second (typ)
2
DM
Input/Output
USB Connector D-
3
DP
Input/Output
USB Connector D+
4
GND
GND
Ground
5
VDD
PWR
Power Supply. Connect a 0.1
μF capacitor between VDD and GND as close
as possible to the device.
6
TDP
Input/Output
Host USB Transceiver D+ Connection
7
TDM
Input/Output
Host USB Transceiver D- Connection
8
CB
Input
Switch Control Bit
0 = autodetection charger identification active
1 = pass-through mode active, DP/DM connected to TDP/TDM
9
Thermal Pad
GND
Ground
Pin #
Name
Type
Description
1
CEN
Output
N-FET Open Drain Output. Current Limit Switch (CLS) Control Output. CB
changes from 0 to 1 or 1 to 0. CEN will be low for 1 second (typ)
2
DM
Input/Output
USB Connector D-
3
DP
Input/Output
USB Connector D+
4
GND
GND
Ground
5
VDD
PWR
Power Supply. Connect a 0.1
μF capacitor between VDD and GND as close
as possible to the device.
6
TDP
Input/Output
Host USB Transceiver D+ Connection
7
TDM
Input/Output
Host USB Transceiver D- Connection
8
CB
Input
Switch Control Bit
0 = autodetection charger identification active
1 = pass-through mode active, DP/DM connected to TDP/TDM
9
Thermal Pad
GND
Ground
Ordering Information
Part Number
Type
SLG55566V
TDFN-8
SLG55566AV
TDFN-8
SLG55566VTR
TDFN-8 - Tape and Reel
SLG55566AVTR
TDFN-8 - Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com