Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG88103 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG88103
Description  Rail to Rail I/O 375 nA/Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG88103 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG88103 Datasheet HTML 1Page - Dialog Semiconductor SLG88103 Datasheet HTML 2Page - Dialog Semiconductor SLG88103 Datasheet HTML 3Page - Dialog Semiconductor SLG88103 Datasheet HTML 4Page - Dialog Semiconductor SLG88103 Datasheet HTML 5Page - Dialog Semiconductor SLG88103 Datasheet HTML 6Page - Dialog Semiconductor SLG88103 Datasheet HTML 7Page - Dialog Semiconductor SLG88103 Datasheet HTML 8Page - Dialog Semiconductor SLG88103 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
000-0088103/4-101
Page 2 of 22
SLG88103/4
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
20L
STQFN
10L
STDFN
1
2
OUT1
O
Analog Output (Op Amp 1)
2
3
IN-1
I
Inverting Input (Op Amp 1)
3
4
IN+1
I
Non-inverting Input (Op Amp 1)
4
5
VSS
GND
Negative Power Supply
56
PD2
I
Power Down Input (Op Amp 2)
When PD pin is high, the respective amplifier is powered down.
6
9
OUT2
O
Analog Output (Op Amp 2)
7
8
IN-2
I
Inverting Input (Op Amp 2)
8
7
IN+2
I
Non-inverting Input (Op Amp 2)
9
--
VSS
GND
Negative Power Supply
10
--
PD3
I
Power Down Input (Op Amp 3)
When PD pin is high, the respective amplifier is powered down.
11
--
IN+3
I
Non-inverting Input (Op Amp 3)
12
--
IN-3
I
Inverting Input (Op Amp 3)
13
--
OUT3
O
Analog Output (Op Amp 3)
14
10
VDD
PWR
Power Supply
15
--
PD4
I
Power Down Input (Op Amp 4)
When PD pin is high, the respective amplifier is powered down.
16
--
IN+4
I
Non-inverting Input (Op Amp 4)
17
--
IN-4
I
Inverting Input (Op Amp 4)
18
--
OUT4
O
Analog Output (Op Amp 4)
19
--
VDD
PWR
Power Supply
20
1
PD1
I
Power Down Input (Op Amp 1)
When PD pin is high, the respective amplifier is powered down.
Part Number
Type
Production Flow
SLG88103V
10-pin STDFN
Industrial, -40
°C to 85 °C
SLG88103VTR
10-pin STDFN (Tape and Reel)
Industrial, -40
°C to 85 °C
SLG88104V
20-pin STQFN
Industrial, -40
°C to 85 °C
SLG88104VTR
20-pin STQFN (Tape and Reel)
Industrial, -40
°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com