Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP-537E Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTP-537E
Description  LED Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-537E Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTP-537E Datasheet HTML 1Page - Lite-On Technology Corporation LTP-537E Datasheet HTML 2Page - Lite-On Technology Corporation LTP-537E Datasheet HTML 3Page - Lite-On Technology Corporation LTP-537E Datasheet HTML 4Page - Lite-On Technology Corporation LTP-537E Datasheet HTML 5Page - Lite-On Technology Corporation LTP-537E Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTP-537E
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.5 inch (12.7 mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTP-537E is a 0.5 inch (12.7 mm) height 16-segment single
digit alphanumeric display. This device utilizes Red Orange LED
chips, which are made from GaAsP on GaP substrate, and has a
black face and white segments.
DEVICE
PART NO.
DESCRIPTION
Red Orange
Common Cathode
Rt. Hand Decimal
LTP-537E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com