Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-702-F-F-R-507 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-702-F-F-R-507
Description  Temperature Compensated Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-702-F-F-R-507 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-702-F-F-R-507 Datasheet HTML 1Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 2Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 3Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 4Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 5Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 6Page - Vectron International, Inc VT-702-F-F-R-507 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Table 1. Electrical Performance, Clipped Sine Wave Option
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency1, Ordering Option
f
O
5
52
MHz
Supply Voltage3, Ordering Option
V
DD
+2.8, +3.0, +3.3, +5.0
V
Supply Current
I
DD
3.5
mA
Operating Temperature, Ordering Option
T
OP
0/55, -10/70, -20/70, -30/80, -30/85, -40/85
°C
Frequency Stability
Stability Over T
OP
4
, Ordering Option
F
STAB
±0.05, ±0.10, ±0.20, ±0.28, ±0.50
ppm
Frequency Tolerance5
F
TOL
±2.0
ppm
Power Supply Stability, ±5%
F
PWR
±0.2
ppm
Load Stability, ±10%
F
LOAD
±0.2
ppm
Aging / 1st year
F
AGE
±1.0
ppm
Frequency Tuning (EFC), Ordering Option
Tuning Range6
PR
±5.0, ±8.0, ±10.0, ±12.0
ppm
Tuning Slope
Positive
Control Voltage to reach Pull Range
V
C
0.5
1.5
2.5
V
Control Voltage Impedance
100
Kohm
RF Output (Clipped Sine Wave), Ordering Option
Output Level High
V
O p-p
0.8
V
Output Load
C
L
10k || 10pF
Start Up Time
t
SU
2
ms
Output Enable7
Output Disable
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Phase Noise8
Phase Noise, 10.00MHz8
10Hz
100Hz
1kHz
10kHz
100kHz
0
N
-99
-123
-143
-152
-155
dBc/Hz
1. Refer to Table 8 for Standard Frequencies. Other Frequencies are available on request. Check with factory.
2. Output DC-cut capacitor is optional.
3. The VT-702 power supply pin (Pin9) should be filtered using a by-pass capacitor of 0.1uF for optimal performance.
4. Referenced to the midpoint between minimum and maximum frequency value over Operating Temperature Range.
5. Frequency measured at 25 °C, 1 hour after 2 IR reflows.
6. Referenced to Mid Control Voltage
7. Output is enabled if Pin8 is left open.
8. Measured at ambient temperature using Agilent E5052B Signal Source Analyzer.
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com