Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334FS Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD404334FS
Description  4-bit HMCS400-Series microcomputer with large-capacity memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404334FS Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD404334FS Datasheet HTML 17Page - Hitachi Semiconductor HD404334FS Datasheet HTML 18Page - Hitachi Semiconductor HD404334FS Datasheet HTML 19Page - Hitachi Semiconductor HD404334FS Datasheet HTML 20Page - Hitachi Semiconductor HD404334FS Datasheet HTML 21Page - Hitachi Semiconductor HD404334FS Datasheet HTML 22Page - Hitachi Semiconductor HD404334FS Datasheet HTML 23Page - Hitachi Semiconductor HD404334FS Datasheet HTML 24Page - Hitachi Semiconductor HD404334FS Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
HD404339 Series
21
In stop mode, the system oscillator is stopped. To ensure a proper oscillation stabilization period of at least
t
RC when clearing stop mode, execute the cancellation according to the timing chart in figure 12.
In watch and subactive modes, a timer A or
INT
0 interrupt can be accepted during the interrupt frame
period T (see figure 13).
Note:
In watch and subactive modes, an interrupt will not be properly detected if the
INT
0 high or low
level period is shorter than the interrupt frame period T. Thus, when operating in watch and
subactive modes, maintain the
INT
0 high or low level period longer than period T to ensure
interrupt detection.
,




,









,

,





Stop mode
Oscillator
Internal
clock
STOP instruction execution
tres ≥ tRC (stabilization period)
tres
RESET
or
STOPC
Figure 12 Timing of Stop Mode Cancellation
Active mode
Interrupt strobe
Watch mode
Oscillation
stabilization
period
Active mode
T
t
RC
T:
t
:
RC
Interrupt frame length
Oscillation stabilization period
INT0
Interrupt request
generation
(During the transition
from watch mode to
active mode only)
Tx
T
T + tRC ≤ TX ≤ 2T + tRC
Figure 13 Interrupt Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com