Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6134 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6134
Description  TNC Male Shorting Dust Cap With 4 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6134 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6134 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6134 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6134 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Nickel Plated Body
• Internally Shorted
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6134 connector dust cap has a TNC interface and a male gender. Our TNC male dust cap is a shorting design
with a nickel plated body to ensure durability. The Pasternack shorting TNC connector cap comes with a 4 inch chain and is
part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
TNC Male Shorting
Chain Option
4 in Chain
.
Description
Material
Plating
Contact
Silver
Body
Brass
Nickel
.
Size
Length
0.62 in [15.75 mm]
Width
0.6 in [15.24 mm]
.
Weight
0.041 lbs [18.6 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Shorting Dust Cap With 4 Inch Chain PE6134
PE6134 REV 1.2
TNC Male Shorting Dust Cap With 4 Inch Chain
Shorts and Caps Technical Data Sheet
PE6134


Similar Part No. - PE6134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
More results

Similar Description - PE6134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6127 PASTERNACK-PE6127 Datasheet
235Kb / 2P
Shorting BNC Male With 4 Inch Chain Dust Cap
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
PE6127 PASTERNACK-PE6127_16 Datasheet
417Kb / 3P
BNC Male Shorting Dust Cap With 4 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com