Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0118 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0118
Description  N Male to N Male Cable Using LMR-195 Coax And Times Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0118 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0118 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0118 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0118 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable Using LMR-195 Coax And Times Connectors
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.8 [20.32]
.
Weight, lbs [g]
0.196 [88.9]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
DielectricType
Teflon
Connector 2
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
DielectricType
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to N Male Cable Using LMR-195 Coax And Times Connectors PE3C0118
PE3C0118 REV
PE3C0118
N Male to N Male Cable Using LMR-195 Coax
And Times Connectors


Similar Part No. - PE3C0118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0118-12 PASTERNACK-PE3C0118-12 Datasheet
322Kb / 3P
N Male to N Male With Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PE3C0118-24 PASTERNACK-PE3C0118-24 Datasheet
323Kb / 3P
N Male to N Male With Times Connectors Cable 24 Inch Length Using LMR-195 Coax
PE3C0118-36 PASTERNACK-PE3C0118-36 Datasheet
323Kb / 3P
N Male to N Male With Times Connectors Cable 36 Inch Length Using LMR-195 Coax
PE3C0118-48 PASTERNACK-PE3C0118-48 Datasheet
323Kb / 3P
N Male to N Male With Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0118-60 PASTERNACK-PE3C0118-60 Datasheet
323Kb / 3P
N Male to N Male With Times Connectors Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0060 PASTERNACK-PE3C0060 Datasheet
338Kb / 3P
N Male to N Male Cable Using LMR-195 Coax
PE3C0061 PASTERNACK-PE3C0061 Datasheet
546Kb / 3P
N Male to N Male Cable Using LMR-195 Coax
PE3C0101 PASTERNACK-PE3C0101 Datasheet
328Kb / 3P
N Male to N Male Cable Using LMR-240 Coax And Times Connectors
PE3C0105 PASTERNACK-PE3C0105 Datasheet
325Kb / 3P
N Male to N Male Cable Using LMR-400 Coax And Times Connectors
PE3C0110 PASTERNACK-PE3C0110 Datasheet
331Kb / 3P
N Male to N Male Cable Using LMR-600 Coax And Times Connectors
PE3C0116 PASTERNACK-PE3C0116 Datasheet
322Kb / 3P
SMA Male to SMA Male Cable Using LMR-195 Coax And Times Connectors
PE3C0118-48 PASTERNACK-PE3C0118-48 Datasheet
323Kb / 3P
N Male to N Male With Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0120 PASTERNACK-PE3C0120 Datasheet
387Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable Using LMR-195 Coax
PE3C0121 PASTERNACK-PE3C0121 Datasheet
322Kb / 3P
SMA Male to N Male Cable Using LMR-195 Coax And Times Connectors
PE3C0122 PASTERNACK-PE3C0122 Datasheet
322Kb / 3P
SMA Male to TNC Male Cable Using LMR-195 Coax And Times Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com