Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0119 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0119
Description  N Male Right Angle to N Male Right Angle Cable Using LMR-195 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0119 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0119 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0119 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0119 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male Right Angle to N Male Right Angle Cable Using LMR-195 Coax
Configuration
Connector 1
N Male Right Angle
Connector 2
N Male Right Angle
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.8 [20.32]
.
Weight, lbs [g]
0.206 [93.44]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
N Male Right Angle
Configuration
RightAngle
Mating Cycles
500
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
50µin.minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
CouplingNutPlatingSpecification
80µin.minimum
Body Material and Plating
Brass, Tri-Metal
BodyPlatingSpecification
80µin.minimum
DielectricType
Teflon
Connector 2
Type
N Male Right Angle
Configuration
RightAngle
Mating Cycles
500
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male Right Angle to N Male Right Angle Cable Using LMR-195 Coax PE3C0119
PE3C0119 REV
PE3C0119
N Male Right Angle to N Male Right Angle
Cable Using LMR-195 Coax


Similar Part No. - PE3C0119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0119-12 PASTERNACK-PE3C0119-12 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PE3C0119-24 PASTERNACK-PE3C0119-24 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 24 Inch Length Using LMR-195 Coax
PE3C0119-36 PASTERNACK-PE3C0119-36 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 36 Inch Length Using LMR-195 Coax
PE3C0119-48 PASTERNACK-PE3C0119-48 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0119-60 PASTERNACK-PE3C0119-60 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0049 PASTERNACK-PE3C0049 Datasheet
813Kb / 3P
N Male to QMA Male Right Angle Cable Using LMR-195 Coax
PE3C0058 PASTERNACK-PE3C0058 Datasheet
337Kb / 3P
TNC Male to TNC Male Right Angle Cable Using LMR-195 Coax
PE3C0059 PASTERNACK-PE3C0059 Datasheet
334Kb / 3P
N Male to QN Male Right Angle Cable Using LMR-195 Coax
PE3C0059-12 PASTERNACK-PE3C0059-12 Datasheet
327Kb / 3P
N Male to QN Male Right Angle Cable 12 InchLength Using LMR-195 Coax
PE3C0059-24 PASTERNACK-PE3C0059-24 Datasheet
339Kb / 3P
N Male to QN Male Right Angle Cable 24 InchLength Using LMR-195 Coax
PE3C0059-36 PASTERNACK-PE3C0059-36 Datasheet
327Kb / 3P
N Male to QN Male Right Angle Cable 36 InchLength Using LMR-195 Coax
PE3C0059-48 PASTERNACK-PE3C0059-48 Datasheet
328Kb / 3P
N Male to QN Male Right Angle Cable 48 InchLength Using LMR-195 Coax
PE3C0120 PASTERNACK-PE3C0120 Datasheet
387Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable Using LMR-195 Coax
PE3C0140 PASTERNACK-PE3C0140 Datasheet
336Kb / 3P
N Male Right Angle to N Male Right Angle Cable Using LMR-SW396 Coax
PE3C0144 PASTERNACK-PE3C0144 Datasheet
334Kb / 3P
N Male to N Male Right Angle Cable Using LMR-SW396 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com