Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0119-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0119-36
Description  N Male Right Angle to N Male Right Angle With Times Connectors Cable 36 Inch Length Using LMR-195 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0119-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0119-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0119-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0119-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Connector 2
Type
N Male Right Angle
Configuration
RightAngle
Mating Cycles
500
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
50µin.minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
CouplingNutPlatingSpecification
80µin.minimum
Body Material and Plating
Brass, Tri-Metal
BodyPlatingSpecification
80µin.minimum
DielectricType
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
N Male Right Angle to N Male Right Angle With Times Connectors Cable 36 Inch Length Using LMR-195 Coax from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male Right Angle to N Male Right Angle With Times Connectors Cable 36 Inch Length Using
LMR-195 Coax PE3C0119-36
URL:http://www.pasternack.com/n-male-n-male-lmr195-cable-assembly-pe3c0119-36-p.aspx
PE3C0119-36 REV
PE3C0119-36
N Male Right Angle to N Male Right Angle With Times
Connectors Cable 36 Inch Length Using LMR-195 Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com