Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0120 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0120
Description  N Male to N Male Right Angle with Times Connectors Cable Using LMR-195 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0120 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0120 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0120 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0120 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0120 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male Right Angle
• Cable Type: LMR-195
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.5:1
Velocity of Propagation
80
%
RF Shielding
90
dB
Group Delay
1.27 [4.17]
ns/ft [ns/m]
Capacitance
25.4 [83.33]
pF/ft [pF/m]
Inductance
0.064 [0.21]
uH/ft [uH/m]
DC Resistance Inner Conductor
7.6 [24.93]
Ω/1000ft [Ω/Km]
DC Resistance Outer Conductor
4.9 [16.08]
Ω/1000ft [Ω/Km]
Jacket Spark
3,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.25
0.5
1
2.5
5.8
GHz
Insertion Loss (Max.)
0.06
0.07
0.12
0.19
0.3
dB/ft
[0.20]
[0.23]
[0.39]
[0.62]
[0.98]
[dB/m]
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .05dB x SQRT Frequency
(GHz) per connector.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Right Angle with Times Connectors Cable Using LMR-195 Coax PE3C0120
PE3C0120 REV 1.1
N Male to N Male Right Angle with Times
Connectors Cable Using LMR-195 Coax
RF Cable Assemblies Technical Data Sheet
PE3C0120


Similar Part No. - PE3C0120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0120-12 PASTERNACK-PE3C0120-12 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PE3C0120-24 PASTERNACK-PE3C0120-24 Datasheet
399Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 24 Inch Length Using LMR-195 Coax
PE3C0120-36 PASTERNACK-PE3C0120-36 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 36 Inch Length Using LMR-195 Coax
PE3C0120-48 PASTERNACK-PE3C0120-48 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0120-60 PASTERNACK-PE3C0120-60 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0118 PASTERNACK-PE3C0118 Datasheet
322Kb / 3P
N Male to N Male Cable Using LMR-195 Coax And Times Connectors
PE3C0119-12 PASTERNACK-PE3C0119-12 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PE3C0119-48 PASTERNACK-PE3C0119-48 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0119-60 PASTERNACK-PE3C0119-60 Datasheet
330Kb / 3P
N Male Right Angle to N Male Right Angle With Times Connectors Cable 60 Inch Length Using LMR-195 Coax
PE3C0120-12 PASTERNACK-PE3C0120-12 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 12 Inch Length Using LMR-195 Coax
PE3C0120-24 PASTERNACK-PE3C0120-24 Datasheet
399Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 24 Inch Length Using LMR-195 Coax
PE3C0120-36 PASTERNACK-PE3C0120-36 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 36 Inch Length Using LMR-195 Coax
PE3C0120-48 PASTERNACK-PE3C0120-48 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 48 Inch Length Using LMR-195 Coax
PE3C0120-60 PASTERNACK-PE3C0120-60 Datasheet
388Kb / 4P
N Male to N Male Right Angle with Times Connectors Cable 60 Inch Length Using LMR-195 Coax
PE3C0121 PASTERNACK-PE3C0121 Datasheet
322Kb / 3P
SMA Male to N Male Cable Using LMR-195 Coax And Times Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com