Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G08STR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LX1G08STR
Description  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08STR Datasheet(HTML) 2 Page - STMicroelectronics

  74LX1G08STR Datasheet HTML 1Page - STMicroelectronics 74LX1G08STR Datasheet HTML 2Page - STMicroelectronics 74LX1G08STR Datasheet HTML 3Page - STMicroelectronics 74LX1G08STR Datasheet HTML 4Page - STMicroelectronics 74LX1G08STR Datasheet HTML 5Page - STMicroelectronics 74LX1G08STR Datasheet HTML 6Page - STMicroelectronics 74LX1G08STR Datasheet HTML 7Page - STMicroelectronics 74LX1G08STR Datasheet HTML 8Page - STMicroelectronics 74LX1G08STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LX1G08
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO <GND, VO >VCC
PIN No
SYMBOL
NAME AND FUNCTION
1
1A
Data Input
2
1B
Data Input
3
GND
Ground (0V)
4
1Y
Data Output
5
VCC
Positive Supply Voltage
AB
Y
LLL
LHL
HL
L
HHH
Symbol
Parameter²
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC = 0V)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com