Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL360 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATPL360
Description  Multi-Protocol Modem for Power Line Communication
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATPL360 Datasheet(HTML) 1 Page - Microchip Technology

  ATPL360 Datasheet HTML 1Page - Microchip Technology ATPL360 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
ATPL360 is a multi-protocol modem for Power Line Communication (PLC). It implements a very flexible architecture, which allows
support for standard and customized PLC solutions. This compact and highly efficient device is ideal for a wide range of smart grid
applications such as smart metering, lighting, industrial/home automation, home and building energy management systems, solar
energy and Plug-in Hybrid Electric Vehicle (PHEV) charging stations.
The ATPL360 has to be bundled with an external microcontroller (MCU), which controls the ATPL360 PLC modem and downloads
the corresponding PLC PHY layer binary before modem operation. The ATPL360 PLC binary is stored in SRAM.
Microchip provides highly efficient, reduced BOM reference designs for different coupling options, targeting common configura-
tions in standard frequency bands which comply with existing regulations (CENELEC, FCC, ARIB).
www.microchip.com/smartenergy
Smart Energy
ATPL360
Multi-Protocol Modem for Power Line Communication
Key Features
• Multi-protocol PLC modem
• G3-PLC, all profiles (CENELEC, FCC, ARIB) and modes
• PRIME PLC, all profiles (PRIME 1.3, PRIME1.4)
• IEEE P1901.2
• Configurable PLC modem able to implement any
NB-PLC standard
• 96 KB (up to) 128 KB of SRAM for Program
• 64 KB (up to) 96 KB of SRAM for Data
• One SPI peripheral to external MCU
• Zero-Crossing Detection (ZCD)
• Embedded PLC Analog Front End (AFE), requires only external
discrete Class D Line Driver for signal injection
• Low power consumption in transmission and reception
• Temperature range: −40ºC to +85ºC
• Package
• 48-pin QFN
• 48-pin TQFP
Target Applications
• Smart metering
• Street lighting
• Home and building energy management systems
• Solar energy
• Plug-in hybrid electric vehicle charging stations
• Industrial and home automation
PL360
Customer Application
G3-PLC
PRIME-PLC
ATPL360 Host Component
SPI
MCU Host
SAPI
PHY


Similar Part No. - ATPL360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATPL-110 ETC-ATPL-110 Datasheet
29Kb / 1P
RF TRANSFORMER
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
ATPL Series Power Line Communications Device
logo
Cirrus Logic
ATPL230A-EK APEX-ATPL230A-EK Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ATPL360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
logo
STMicroelectronics
AN4018 STMICROELECTRONICS-AN4018 Datasheet
840Kb / 23P
Data link communication protocol for the ST7580 power line
29-Mar-2013
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Red Lion Controls. Inc
GMPB REDLION-GMPB Datasheet
470Kb / 2P
PROFIBUS Protocol Communication
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
GMCAN REDLION-GMCAN Datasheet
385Kb / 2P
CAN Protocol Communication
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com