Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1710 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1710
Description  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1710 Datasheet HTML 9Page - Microchip Technology MCP1710 Datasheet HTML 10Page - Microchip Technology MCP1710 Datasheet HTML 11Page - Microchip Technology MCP1710 Datasheet HTML 12Page - Microchip Technology MCP1710 Datasheet HTML 13Page - Microchip Technology MCP1710 Datasheet HTML 14Page - Microchip Technology MCP1710 Datasheet HTML 15Page - Microchip Technology MCP1710 Datasheet HTML 16Page - Microchip Technology MCP1710 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2012-2015 Microchip Technology Inc.
DS20005158D-page 13
MCP1710
4.0
DEVICE OVERVIEW
The MCP1710 is a 100 mA/200 mA output current, Low
Dropout (LDO) voltage regulator. The Low Dropout
voltage of 450 mV maximum, at 200 mA of current,
makes it ideal for battery-powered applications. The input
voltage ranges from 2.5V to 5.5V. The MCP1710 adds a
shutdown control input pin. The MCP1710 is available in
eight standard fixed output voltage options: 1.2V, 1.5V,
1.8V, 2V, 2.5V, 3.0V, 3.3V and 4.2V. The MCP1710 uses
a proprietary voltage reference and sensing scheme to
maintain the ultra low 20 nA quiescent current.
4.1
Output Current and Current
Limiting
The MCP1710 LDO is tested and ensured to supply a
minimum of 200 mA of output current for the 1.2V to
3.5V output range, and 100 mA of output current for the
3.5V to 4.2V output range. The MCP1710 has no
minimum output load, so the output load current can go
to 0 mA and the LDO will continue to regulate the
output voltage within the specified tolerance.
The MCP1710 also incorporates an output current limit.
The current limit is set to 250 mA, typical, for the
1.2V
 VR ≤3.5V range, and 175 mA, typical, for the
3.5V
 VR  5.5V range.
4.2
Output Capacitor
The MCP1710 requires a minimum output capacitance
of 1 µF for output voltage stability. Ceramic capacitors
are recommended because of their size, cost and
robust environmental qualities.
Aluminum-electrolytic and tantalum capacitors can be
used on the LDO output as well. The output capacitor
should be located as close to the LDO output as is
practical. Ceramic materials, X7R and X5R, have
low-temperature coefficients and are well within the
acceptable ESR range required. A typical 1 µF X7R
0805 capacitor has an ESR of 50 m
.
4.3
Input Capacitor
Low input source impedance is necessary for the LDO
output to operate properly. When operating from batteries,
or in applications with long lead length (>10 inches)
between the input source and the LDO, some input
capacitance is recommended. A minimum of 1.0 µF to
4.7 µF is recommended for most applications.
For applications that have output step load require-
ments, the input capacitance of the LDO is very
important. The input capacitance provides a
low-impedance source of current for the LDO to use for
dynamic load changes. This allows the LDO to respond
quickly to the output load step. For good step response
performance, the input capacitor should be of equiva-
lent or higher value than the output capacitor. The
capacitor should be placed as close to the input of the
LDO as is practical. Larger input capacitors will also
help reduce any high-frequency noise on the input and
output of the LDO, as well as the effects of any
inductance that exists between the input source
voltage and the input capacitance of the LDO.
4.4
Shutdown Input (SHDN)
The SHDN input is an active-low input signal that turns
the LDO on and off. The SHDN threshold is a
percentage of the input voltage. The maximum input
low logic level is 30% of VIN and the minimum high logic
level is 70% of VIN.
On the rising edge of the SHDN input, the shutdown
circuitry has a 30 ms (typical) delay before allowing the
LDO output to turn on. This delay helps to reject any
false turn-on signal or noise on the SHDN input signal.
After the 30 ms delay, the LDO output enters its
current-limited soft start period as it rises from 0V to its
final regulation value. If the SHDN input signal is pulled
low during the 30 ms delay period, the timer will be
reset and the delay time will start over again on the next
rising edge of the SHDN input. The total time from the
SHDN input going high (turn on) to the LDO output
being in regulation is typically 30 ms. See Figure 4-1 for
a timing diagram of the SHDN input.
FIGURE 4-1:
Shutdown Input Timing
Diagram.
4.5
Dropout Voltage
Dropout voltage is defined as the input-to-output voltage
differential at which the output voltage drops 3% below
the nominal value that was measured with a VR + 0.8V
differential applied. The MCP1710 LDO has a Low
Dropout voltage specification of 450 mV for the
1.2V
 VR ≤ 3.5V range (typical) at 200 mA out, and
400 mV for the 3.5V
 VR  5.5V range (typical) at
100 mA
out.
See
Section 1.0
“Electrical
Characteristics” for maximum dropout voltage
specifications.
SHDN
VOUT
30 ms
10 µs
TOR
20 ns (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com