Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4R11P7 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX4R11P7
Description  4A Half-Bridge Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4R11P7 Datasheet(HTML) 5 Page - IXYS Corporation

  IX4R11P7 Datasheet HTML 1Page - IXYS Corporation IX4R11P7 Datasheet HTML 2Page - IXYS Corporation IX4R11P7 Datasheet HTML 3Page - IXYS Corporation IX4R11P7 Datasheet HTML 4Page - IXYS Corporation IX4R11P7 Datasheet HTML 5Page - IXYS Corporation IX4R11P7 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
IX4R11
Timing Waveform Definitions
Figure 6. Definitions of Delay Matching Waveforms
Figure 5. Definitions of Switching Time Waforms
Figure 7. Test circuit for allowable offset supply voltage transient.
50%
50%
10%
90%
Input Signal
Outgoing Signal
HIN
LIN
HGO
LGO
LGO
HGO
tdm
tdm
HS
9
HGO
8
NC
10
HS
7
VDD
11
NC
6
HIN
12
NC
5
ENB
13
4
LIN
14
VCL
3
DG
15
LS
2
LS
16
LGO
1
VCH
U1
HGO
HS
L1
200uH
D1
DSEI12-10A
+
C1
100uF/250V
BNC
Q1
IXFP4N100Q
D2
DSEI12-10A
OUTPUT MONITOR
U2
IXDD414
C5
0.1uF
dVs/dt > 50v/ns
2
6,7
1,8
4,5
C9
10uF
C8
0.1uF
+ C2
10uF
BATTERY
18V
Vin
1
Vout
3
U2
15V
C6
0.1uF
+ C3
10uF
15V
U3
HCPL-314J
OUT
-600V
HV
600V
HV SCOPE PROBE
V3
PULSE
VCC
VEE
16
15
14
2
3
1/2
GND2
GND3
15V
V1
V1
GND1
GND1
GND3
GND2
GND2
Measure dVdt ( HV Scope Probe )
50%
50%
HIN
LIN
10%
10%
HGO
LGO
90%
90%
tdon
tdoff
tr
tf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com