Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3200U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3200U
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3200U Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3200U Datasheet HTML 1Page - Diodes Incorporated DMN3200U Datasheet HTML 2Page - Diodes Incorporated DMN3200U Datasheet HTML 3Page - Diodes Incorporated DMN3200U Datasheet HTML 4Page - Diodes Incorporated DMN3200U Datasheet HTML 5Page - Diodes Incorporated DMN3200U Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3200U
Document number: DS31188 Rev. 7 - 2
2 of 6
www.diodes.com
May 2016
© Diodes Incorporated
DMN3200U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 5)
ID
2.2
A
Pulsed Drain Current (Note 5)
IDM
9
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
650
mW
Thermal Resistance, Junction to Ambient
RθJA
192
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±5
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
0.45
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
62
70
150
90
110
200
m
Ω
VGS = 4.5V, ID = 2.2A
VGS = 2.5V, ID = 2A
VGS = 1.5V, ID = 0.67A
Forward Transfer Admittance
|Yfs|
5
S
VDS = 5V, ID = 2.2A
Diode Forward Voltage (Note 6)
VSD
0.9
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
290
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
66
pF
Reverse Transfer Capacitance
Crss
35
pF
Turn-On Delay Time
tD(ON)
40.2
ns
VDD = 10V, ID = 2A, VGEN = 4.5V,
RL = 5Ω, RGEN = 6Ω
Turn-On Rise Time
tR
43.1
ns
Turn-Off Delay Time
tD(OFF)
471
ns
Turn-Off Fall Time
tF
104
ns
Notes:
5. Device mounted on FR-4 PCB, on minimum recommended pad layout on 2oz. Copper pads.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com