Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008S-R24F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI1008S-R24F
Description  WIREWOUND CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-R24F Datasheet(HTML) 3 Page - Superworld Electronics

  SCI1008S-R24F Datasheet HTML 1Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 2Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 3Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 4Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
03.02.2015
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI1008S SERIES
10000
2.52
K, J, G
SCI1008S-100□F
SCI1008S-150□F
SCI1008S-120□F
15000
12000
K, J, G
K, J, G
2.52
2.52
7.9
2200
K, J, G
SCI1008S-2R2□F
SCI1008S-4R7□F
SCI1008S-8R2□F
SCI1008S-5R6□F
SCI1008S-6R8□F
SCI1008S-2R7□F
SCI1008S-3R3□F
SCI1008S-3R9□F
7.9
4700
K, J, G
8200
5600
6800
K, J, G
K, J, G
K, J, G
7.9
7.9
7.9
3900
2700
3300
K, J, G
K, J, G
K, J, G
7.9
7.9
7.9
7.96
150
20
9.00
15
7.96
7.96
15
15
15
18
120
130
11.5
10.5
160
2.80
280
50
28
25
90
18
7.96
7.96
7.96
15
16
15
25
20
40
25
25
25
22
22
18
140
110
100
4.00
260
170
240
200
6.00
4.00
4.90
290
260
290
3.20
3.40
3.60
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI1008S-R56□F
SCI1008S-R62□F
SCI1008S-R68□F
SCI1008S-R75□F
SCI1008S-R47□F
SCI1008S-R39□F
SCI1008S-R33□F
620
680
750
560
45
45
45
45
25
25
25
25
375
360
375
415
100
100
100
100
1.33
1.47
1.54
1.40
470
330
390
45
45
45
25
25
25
450
570
500
100
100
100
1.19
1.05
1.12
360
540
300
580
470
450
630
SCI1008S-1R0□F
SCI1008S-1R2□F
SCI1008S-1R5□F
SCI1008S-1R8□F
25
1000
K, J, G
1800
1200
1500
K, J, G
K, J, G
K, J, G
7.9
7.9
7.9
50
290
35
50
50
50
35
28
28
160
250
200
1.75
370
310
330
300
2.00
2.30
2.60
K, J, G
SCI1008S-R30□F
300
45
25
585
100
1.00
450
K, J, G
SCI1008S-R36□F
360
45
25
530
100
1.10
470
SCI1008S-R82□F
SCI1008S-R91□F
820
910
K, J, G
K, J, G
25
25
100
50
45
35
320
350
400
380
1.61
1.68
K, J, G
SCI1008S-R43□F
430
45
25
480
100
1.15
470
Inductance tolerance :
□ : G : ±2%
K : ± 10%
J : ± 5%
Tolerance
Available
Part No.
L
( nH )
( MHz )
( MHz )
Min.
Freq
Test
Q
Freq
Q Test
Max.
Min.
Max.
( MHz )
SRF
( Ω )
DCR
( mA )
IDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com