Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008LP-R18F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008LP-R18F
Description  Wire Wound Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-R18F Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008LP-R18F Datasheet HTML 1Page - Superworld Electronics SCI1008LP-R18F Datasheet HTML 2Page - Superworld Electronics SCI1008LP-R18F Datasheet HTML 3Page - Superworld Electronics SCI1008LP-R18F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire Wound Inductor – SCI1008LP Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P2
4. Material List:
(a) Ceramic Core
(b) Magnet Wire
(c) Electrode (Ag/Pd+Ni+Sn)
(d) UV Glue
5. General Specification:
a) Operating Temp. : -40°C ~ +125°C
b) Storage Condition (component in its packaging)
i) Temperature: -10°C to +40°C
ii) Humidity: 60%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com