Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0142 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0142
Description  N Male to N Male Cable Using LMR-SW540 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0142 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0142 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0142 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable Using LMR-SW540 Coax
Configuration
Connector 1
N Male
Connector 1 Specification
IEC60169-4
Connector 2
N Male
Connector 2 Specification
IEC60169-4
Cable Type
LMR-SW540
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-SW540
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-40 to +85
Diameter, in [mm]
0.94 [23.88]
.
Weight, lbs [g]
0.762 [345.64]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
3 [76.2]
Repeated Minimum Bend Radius, in [mm]
0 [0]
Cable
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.61 [15.49]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Spring Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
80µ in. minimum
Hex Size, in.
13/16
Torque, in-lbs [Nm]
44 [4.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
80µ in. minimum
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using LMR-SW540 Coax PE3C0142
PE3C0142 REV
PE3C0142
N Male to N Male Cable Using LMR-SW540 Coax


Similar Part No. - PE3C0142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0142-12 PASTERNACK-PE3C0142-12 Datasheet
331Kb / 3P
N Male to N Male Cable 12 Inch Length Using LMR-SW540 Coax
PE3C0142-24 PASTERNACK-PE3C0142-24 Datasheet
332Kb / 3P
N Male to N Male Cable 24 Inch Length Using LMR-SW540 Coax
PE3C0142-36 PASTERNACK-PE3C0142-36 Datasheet
333Kb / 3P
N Male to N Male Cable 36 Inch Length Using LMR-SW540 Coax
PE3C0142-48 PASTERNACK-PE3C0142-48 Datasheet
333Kb / 3P
N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0142-60 PASTERNACK-PE3C0142-60 Datasheet
333Kb / 3P
N Male to N Male Cable 60 Inch Length Using LMR-SW540 Coax
More results

Similar Description - PE3C0142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0061 PASTERNACK-PE3C0061 Datasheet
546Kb / 3P
N Male to N Male Cable Using LMR-195 Coax
PE3C0062 PASTERNACK-PE3C0062 Datasheet
332Kb / 3P
N Male to N Male Cable Using LMR-600 Coax
PE3C0039 PASTERNACK-PE3C0039 Datasheet
337Kb / 3P
N Male to N Male Cable Using LMR-240 Coax
PE3C0048 PASTERNACK-PE3C0048 Datasheet
336Kb / 3P
N Male to N Male Cable Using LMR-600 Coax
PE3C0053 PASTERNACK-PE3C0053 Datasheet
337Kb / 3P
N Male to N Male Cable Using LMR-240 Coax
PE3C0142-12 PASTERNACK-PE3C0142-12 Datasheet
331Kb / 3P
N Male to N Male Cable 12 Inch Length Using LMR-SW540 Coax
PE3C0142-24 PASTERNACK-PE3C0142-24 Datasheet
332Kb / 3P
N Male to N Male Cable 24 Inch Length Using LMR-SW540 Coax
PE3C0142-36 PASTERNACK-PE3C0142-36 Datasheet
333Kb / 3P
N Male to N Male Cable 36 Inch Length Using LMR-SW540 Coax
PE3C0142-48 PASTERNACK-PE3C0142-48 Datasheet
333Kb / 3P
N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0142-60 PASTERNACK-PE3C0142-60 Datasheet
333Kb / 3P
N Male to N Male Cable 60 Inch Length Using LMR-SW540 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com