Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFJB3.EM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWKAFJB3.EM
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAFJB3.EM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWKAFJB3.EM Datasheet HTML 1Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 2Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 3Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 4Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 5Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 6Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 7Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 8Page - OSRAM GmbH GWKAFJB3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2016-02-25
2
Version 1.0
GW KAFJB3.EM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
1) Seite 17
Bestellnummer
IF = 400 mA, T =
85 °C
[K]
ΦV [lm]
GW KAFJB3.EM-RUSP-27S3
2700
1640 ... 1940
Q65111A9559
GW KAFJB3.EM-RUSP-30S3
3000
1640 ... 1940
Q65111A9558
GW KAFJB3.EM-SPSQ-35S3
3500
1800 ... 2100
Q65111A9557
GW KAFJB3.EM-SPSQ-40S3
4000
1800 ... 2100
Q65111A9556
GW KAFJB3.EM-SPSQ-50S3
5000
1800 ... 2100
Q65111A9566
GW KAFJB3.EM-SPSQ-57S3
5700
1800 ... 2100
Q65111A9565
GW KAFJB3.EM-SPSQ-65S3
6500
1800 ... 2100
Q65111A9564
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAFJB3.EM-RUSP-30S3
means that only one group RU, SP will be shippable for any packing unit.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAFJB3.EM-RUSP-30S3
bedeutet, dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen RU, SP enhalten ist.
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com