Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGJB5.BM-RUSP-30S3 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWKAGJB5.BM-RUSP-30S3
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGJB5.BM-RUSP-30S3 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 8Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 9Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 10Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 11Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 12Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 13Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 14Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 15Page - OSRAM GmbH GWKAGJB5.BM-RUSP-30S3 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2017-11-01
12
Version 1.0
GW KAGJB5.BM
Package Outline 8) page 17
Maßzeichnung 8) Seite 17
Approximate Weight:
1.78 g
Gewicht:
1.78 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com