Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRDMLS31.23 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # KRDMLS31.23
Description  Architectural Lighting indoor and outdoor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRDMLS31.23 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button KRDMLS31.23 Datasheet HTML 5Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 6Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 7Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 8Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 9Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 10Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 11Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 12Page - OSRAM GmbH KRDMLS31.23 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.2
KR DMLS31.23
2016-08-16
9
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 6) page 21
Relativer Lichtstrom 6) Seite 21
ΦVV(25 °C) = f(Tj); IF = 700 mA
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 700 mA
KR DMLS31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
: 617nm
: 625nm
KR DMLS31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
v
Φ
v(25°C)
: 617nm
: 625nm
KR DMLS31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-6
-4
-2
0
2
4
6
8
∆λ dom [nm]
: 617nm
: 625nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com