Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK.162 Datasheet(PDF) 1 Page - International Rectifier

Part # IRK.162
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.162 Datasheet(HTML) 1 Page - International Rectifier

  IRK.162 Datasheet HTML 1Page - International Rectifier IRK.162 Datasheet HTML 2Page - International Rectifier IRK.162 Datasheet HTML 3Page - International Rectifier IRK.162 Datasheet HTML 4Page - International Rectifier IRK.162 Datasheet HTML 5Page - International Rectifier IRK.162 Datasheet HTML 6Page - International Rectifier IRK.162 Datasheet HTML 7Page - International Rectifier IRK.162 Datasheet HTML 8Page - International Rectifier IRK.162 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
135 A
140 A
160 A
Bulletin I27117 rev. C 03/02
1
SERIES
IRK.136, .142, .162
NEW INT-A-pak Power Modules
IT(AV)
135
140
160
A
@ TC
85
85
85
°C
IT(RMS)
300
310
355
A
I
TSM @ 50Hz
3200
4500
4870
A
@60Hz
3360
4712
5100
A
I2t @50Hz
51.5
102
119
KA2s
@60Hz
47
92.5
108
KA2s
I2
√t
515.5
1013
1190
KA2
√s
VRRM
400 to 1600
V
T
J
range
- 40 to 125
°C
Major Ratings and Characteristics
Features
High Voltage
Electrically Isolated by DBC Ceramic ( Al
2O3)
3500 VRMS Isolating Voltage
Industrial Standard Package
High Surge Capability
Glass Passivated Chips
Modules uses High Voltage Power thyristor/diodes
in three Basic Configurations
Simple Mounting
UL E78996 approved
Parameters IRK.136.. IRK.142.. IRK.162.. Units
THYRISTOR/DIODE and
THYRISTOR/THYRISTOR
Applications
DC Motor Control and Drives
Battery Charges
Welders
Power Converters
Lighting Control
Heat and Temperature Control
CASE STYLE NEW INT-A-PAK
www.irf.com


Similar Part No. - IRK.162

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.162 IRF-IRK.162 Datasheet
381Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRK.162

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com